Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6472 Datasheet(PDF) 8 Page - Analog Devices

Part # AD6472
Description  2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6472 Datasheet(HTML) 8 Page - Analog Devices

  AD6472 Datasheet HTML 1Page - Analog Devices AD6472 Datasheet HTML 2Page - Analog Devices AD6472 Datasheet HTML 3Page - Analog Devices AD6472 Datasheet HTML 4Page - Analog Devices AD6472 Datasheet HTML 5Page - Analog Devices AD6472 Datasheet HTML 6Page - Analog Devices AD6472 Datasheet HTML 7Page - Analog Devices AD6472 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD6472
–8–
REV. 0
80-Lead Metric Plastic Quad Flatpack
S-80A
SEATING
PLANE
0.134 (3.40)
MAX
0.041 (1.03)
0.029 (0.73)
0.004 (0.10)
MAX
0.120 (3.05)
0.100 (2.55)
0.010 (0.25)
MIN
0.015 (0.38)
0.009 (0.22)
0.690 (17.45)
0.667 (16.95)
0.555 (14.10)
0.547 (13.90)
1
20
21
41
40
60
61
80
0.486 (12.35) BSC
TOP VIEW
(PINS DOWN)
0.026 (0.65)
BSC
PCB Layout Recommendations
Analog and Digital
Separate the analog and digital grounds.
Ground Planes
Use a single 35 to 50 mil wide trace un-
der the device to connect the two ground
planes. Connect the IC ground pins
directly to the respective ground planes.
Power Supply
Use one 0.1
µF capacitor for each IC de-
Capacitors
coupling power supply connection in addi-
tion to capacitance shown in schematic.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
tSU
12ns
tH
10ns
2
SCLK
SFRAME
SDATA
D6
MSB
D5
D4
D3
D2
D0
D1
X
XX
X
X
X
X
X
D6
MSB
D5
D4
1. THE RISING EDGE OF SFRAME CAN OCCUR ANYWHERE. SFRAME MUST BE AT LEAST ONE CLOCK CYCLE WIDE.
2. SFRAME FALLING EDGE MUST OCCUR BEFORE THE SCLK RISING EDGE THAT CAPTURED THE SERIAL LSB.
THIS ENSURES CORRECT LOADING INTO THE DAC.
FULL SCALE
MID-SCALE
MINIMUM
OUTPUT
1111111
1000000
0000000
WORD
VOLTAGE
4.5
2.5
0.5
1
THE FIRST 7 BITS OF THE 16-BIT SERIAL WORD ARE THE INPUT TO THE TR DAC, MSB FIRST. THE NUMBER
SYSTEM IS TWOS COMPLEMENT, AS FOLLOWS:
X
Figure 6. Timing Recovery DAC Converter Timing


Similar Part No. - AD6472

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647J AD-AD647J Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647JH AD-AD647JH Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647K AD-AD647K Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647KH AD-AD647KH Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
More results

Similar Description - AD6472

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5011 AD-AD5011 Datasheet
93Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV PrA
logo
Burr-Brown (TI)
AFE1205 BURR-BROWN-AFE1205 Datasheet
196Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203_14 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1224 TI1-AFE1224 Datasheet
152Kb / 13P
[Old version datasheet]   2Mbps, Single Pair ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1224 BURR-BROWN-AFE1224 Datasheet
137Kb / 11P
   2Mbps, Single Pair ANALOG FRONT END
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com