Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2832XMYX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2832XMYX
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832XMYX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2832XMYX Datasheet HTML 1Page - National Semiconductor (TI) LM2832XMYX Datasheet HTML 2Page - National Semiconductor (TI) LM2832XMYX Datasheet HTML 3Page - National Semiconductor (TI) LM2832XMYX Datasheet HTML 4Page - National Semiconductor (TI) LM2832XMYX Datasheet HTML 5Page - National Semiconductor (TI) LM2832XMYX Datasheet HTML 6Page - National Semiconductor (TI) LM2832XMYX Datasheet HTML 7Page - National Semiconductor (TI) LM2832XMYX Datasheet HTML 8Page - National Semiconductor (TI) LM2832XMYX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Electrical Characteristics VIN = 5V unless otherwise indicated under the Conditions column. Limits in
standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of -40˚C to
+125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
θ
JA
Junction to Ambient
0 LFPM Air Flow (Note 3)
LLP-6 and eMSOP-8
Packages
80
˚C/W
θ
JC
Junction to Case (Note 3)
LLP-6 and eMSOP-8
Packages
18
˚C/W
T
SD
Thermal Shutdown Temperature
165
˚C
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for which the device is
intended to be functional, but does not guarantee specfic performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
Note 3: Applies for packages soldered directly onto a 3” x 3” PC board with 2oz. copper on 4 layers in still air.
www.national.com
5


Similar Part No. - LM2832XMYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2832XMY TI1-LM2832XMY Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XMY/NOPB TI1-LM2832XMY/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
More results

Similar Description - LM2832XMYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Chip Advanced Technolog...
CAT7105 CAT-CAT7105 Datasheet
758Kb / 12P
   2.0A High Efficiency Step-Down DC/DC Converter
May-2007 Rev:0.94
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com