Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD20-820 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SD20-820
Description  High Power Density, Low Profile, Shielded Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD20-820 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SD20-820 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD20-820 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD20-820 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD20-820 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD20-820 Datasheet HTML 5Page - List of Unclassifed Manufacturers SD20-820 Datasheet HTML 6Page - List of Unclassifed Manufacturers SD20-820 Datasheet HTML 7Page - List of Unclassifed Manufacturers SD20-820 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Mechanical Diagrams
TOP VIEW
BOTTOM VIEW
RECOMMENDED PCB LAYOUT
SCHEMATIC
2
1
5.2
Max
5.2
Max
a
HT
1.5 Typ.
Ref.
1
2
SIDE VIEW
Pin#1
identifier
Part marking
(Note A)
2
1
R2.250
2.975
5.950
2.975
2
4 PAD LAYOUT
R2.250
5.95
9
1.0
2.975
2
5.15
2.575
2
2 PAD LAYOUT
5.950
9
(see chart below)
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (4)
Volt
Inductance
+/-20%
Marking
Amperes
Amperes
(Ω)u-sec
(µH)
(µH)
Typ.
Typ.
SD25-3R3
3.30
3.43
F
2.64
2.21
0.0384
5.78
SD25-4R7
4.70
5.03
G
2.39
1.83
0.0467
6.99
SD25-6R8
6.80
6.93
H
2.19
1.56
0.0556
8.21
SD25-8R2
8.20
7.99
J
1.92
1.45
0.0724
8.82
SD25-100
10.0
10.35
K
1.80
1.27
0.0824
10.03
SD25-150
15.0
14.45
L
1.67
1.08
0.0956
11.86
SD25-220
22.0
22.81
M
1.34
0.857
0.1478
14.90
SD25-330
33.0
33.07
N
1.11
0.711
0.2149
17.94
SD25-470
47.0
47.89
O
0.919
0.592
0.3156
21.58
SD25-680
68.0
68.64
P
0.741
0.482
0.4850
25.84
SD25-820
82.0
82.17
Q
0.713
0.441
0.5242
28.27
SD25-101
100
100.79
R
0.670
0.398
0.5937
31.31
SD25-151
150
148.4
S
0.553
0.328
0.8723
38.00
SD25-221
220
222.4
T
0.446
0.268
1.34
46.51
SD25-331
330
332.2
U
0.359
0.219
2.07
56.85
SD25-471
470
472.4
V
0.293
0.184
3.10
67.79
SD25-681
680
677.2
W
0.262
0.154
3.88
81.17
SD25-821
820
826.7
X
0.230
0.139
5.04
89.68
SD25-102
1000
1003.4
Y
0.216
0.126
5.70
98.80
Series
HT
SD10
1.0mm max
SD12
1.2mm max
SD18
1.8mm max
SD20
2.0mm max
SD25
2.5mm max
(1) Open Circuit Inductance Test Parameters: 100KHz, 0.25Vrms, 0.0Adc.
(2) RMS current for an approximate ∆T of 40°C without core loss. It is
recommended that the temperature of the part not exceed 125°C.
(3) Peak current for approximate 30% roll off at 20°C.
(4) DCR limits @ 20°C.
5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to
generate a core loss equal to 10% of the total losses for 40°C temperature rise.
®
SD Series
High Power Density,
Low Profile, Shielded Inductors
SD Series
A) Part Marking: Line 1: (1st digit indicates the inductance value per part marking
designator in chart above)
(2nd digit is a bi-weekly production date code)
(3rd digit is the last digit of the year produced)
Line 2: 12 (indicates the product size code)


Similar Part No. - SD20-820

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD20-820-R COOPER-SD20-820-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD20-820-R COOPER-SD20-820-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD20-820-R EATON-SD20-820-R Datasheet
746Kb / 9P
   Low profile metalized shielded drum core power inductors
More results

Similar Description - SD20-820

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
   High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD52 EATON-SD52 Datasheet
382Kb / 4P
   High power density, low profile shielded power inductors
logo
Cooper Bussmann, Inc.
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD14-4R5-R COOPER-SD14-4R5-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD20-100-R COOPER-SD20-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
DR124 EATON-DR124 Datasheet
655Kb / 5P
   High power density, high efficiency, low profile shielded drum core power inductors
logo
Cooper Bussmann, Inc.
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
   High power density, high efficiency, shielded inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com