Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2832 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2832
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2832 Datasheet HTML 3Page - National Semiconductor (TI) LM2832 Datasheet HTML 4Page - National Semiconductor (TI) LM2832 Datasheet HTML 5Page - National Semiconductor (TI) LM2832 Datasheet HTML 6Page - National Semiconductor (TI) LM2832 Datasheet HTML 7Page - National Semiconductor (TI) LM2832 Datasheet HTML 8Page - National Semiconductor (TI) LM2832 Datasheet HTML 9Page - National Semiconductor (TI) LM2832 Datasheet HTML 10Page - National Semiconductor (TI) LM2832 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Typical Performance Characteristics All curves taken at VIN = 5.0V with configuration in typical
application circuit shown in Application Information section of this datasheet. T
J = 25˚C, unless otherwise
specified. (Continued)
Load Regulation
Vin = 5V, Vo = 3.3V (All Options)
Oscillator Frequency vs Temperature - "X"
20197585
20197524
Oscillator Frequency vs Temperature - "Y"
Oscillator Frequency vs Temperature - "Z"
20197525
20197536
Current Limit vs Temperature
Vin = 3.3V
RDSON vs Temperature (LLP-6 Package)
20197586
20197588
www.national.com
7


Similar Part No. - LM2832

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XMY TI1-LM2832XMY Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XMY/NOPB TI1-LM2832XMY/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832XSD/NOPB TI1-LM2832XSD/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
More results

Similar Description - LM2832

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Chip Advanced Technolog...
CAT7105 CAT-CAT7105 Datasheet
758Kb / 12P
   2.0A High Efficiency Step-Down DC/DC Converter
May-2007 Rev:0.94
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com