Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSQ10 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SSQ10
Description  Square Ceramic Surface Mount Quick Acting Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SSQ10 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SSQ10 Datasheet HTML 1Page - Bel Fuse Inc. SSQ10 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE PAGES 67 & 68
Approvals
Environmental Specification
Soldering Techniques & Compatibility
Reflow: Industrial standard, 240
°C peak
Wave Solder: 260ºC, 20 sec max. (MIL-STD202, Method 210)
Operating Temperature
-55ºC to +125ºC
Shock
MIL-STD-202, Method 213,Test Condition I
(100 G's peak for 6 milliseconds)
Vibration
MIL-STD-202, Method 201 (10-55 Hz, 0.06 inch, total
excursion)
Salt Spray
MIL-STD-202, Method 101,Test Condition B (48Hrs)
Insulation Resistance
MIL-STD-202, Method 302,Test Condition A
(After Opening) 10,000 ohms minimum
Solderability
MIL-STD-202, Method 208
Resistance to Solder Heat
MIL-STD-202, Method 210,Test Condition F
(20 sec, at 260ºC)
Thermal Shock:
MIL-STD-202, Method 107,Test Condition B
(-65ºC to +125ºC)
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
2
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
CV
5
2
1
/
A
7
-
A
m
0
0
1C
A
A
0
5
@
4
2
6
0
2
E
.
o
N
e
li
F
d
e
t
si
L
V
5
2
1
/
A
7
-
A
m
0
0
1
V
6
8
V
5
2
1
V
5
2
1
/
A
2
1
-
A
1
.
7
V
6
8
r
o
C
A
A
0
5
@
r
o
C
D
A
0
0
0
,
0
1
@
C
D
A
0
0
3
@
r
o
C
A
A
0
5
@
C
D
A
0
0
0
,
0
1
@
4
2
6
0
2
E
.
o
N
e
li
F
d
e
z
i
n
g
o
c
e
R
V
6
8
/
A
5
1C
D
A
0
0
0
,
0
1
@
SSQD0104
Type SSQ
Square Ceramic Surface Mount Quick Acting Fuse
Electrical Characteristics (UL/CSA STD.248-14)
g
n
it
s
e
T
t
n
e
r
r
u
c
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
%
0
0
2A
/
Nc
e
S
5
r
Vßc
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
0
5
2
Q
S
SA
m
0
5
25
6
.
0
0
3
.
0
2
0
.
01
0
.
07
0
.
0
5
7
3
Q
S
SA
m
5
7
36
3
.
0
5
2
.
0
4
0
.
03
0
.
09
0
.
0
0
0
5
Q
S
SA
m
0
0
54
2
.
0
2
2
.
0
7
0
.
06
0
.
01
1
.
0
0
5
7
Q
S
SA
m
0
5
75
1
.
0
7
1
.
0
1
1
.
07
0
.
03
1
.
0
1
Q
S
SA
11
1
.
0
7
1
.
0
9
1
.
04
1
.
07
1
.
0
5
2
.
1
Q
S
SA
5
2
.
19
0
.
0
6
1
.
0
3
3
.
04
2
.
00
2
.
0
5
.
1
Q
S
SA
5
.
17
0
.
0
5
1
.
0
7
5
.
01
4
.
03
2
.
0
2
Q
S
SA
25
0
.
0
5
1
.
0
0
.
18
.
00
3
.
0
5
.
2
Q
S
SA
5
.
28
3
0
.
0
4
1
.
0
7
.
14
.
16
3
.
0
3
Q
S
SA
38
2
0
.
0
3
1
.
0
0
.
34
.
23
4
.
0
5
.
3
Q
S
SA
5
.
35
2
0
.
0
3
1
.
0
9
.
33
.
37
4
.
0
4
Q
S
SA
42
2
0
.
0
3
1
.
0
1
.
54
.
41
5
.
0
5
Q
S
SA
56
1
0
.
0
2
1
.
0
8
.
88
.
72
6
.
0
3
.
6
Q
S
SA
3
.
62
1
0
.
02
1
.
05
14
14
7
.
0
7
Q
S
SA
71
1
0
.
04
1
1
.
00
29
11
8
.
0
8
Q
S
SA
89
0
0
.
02
1
1
.
06
25
29
8
.
0
0
1
Q
S
SA
0
17
0
0
.
07
0
1
.
06
44
47
0
.
1
2
1
Q
S
S
A
2
16
0
0
.
03
0
1
.
00
79
64
2
.
1
5
1
Q
S
S
A
5
14
0
0
.
08
9
0
.
01
2
14
2
14
5
.
1
Consult manufacturer for other ratings
Physical Specification
Materials
Ceramic body / Palladium Plated Brass Caps
Marking
On fuse:
“Current Rating” in black color,“bel” stamped on end caps
On label:
“bel”,“SSQ”,“Current Rating”,“Voltage Rating”, Interrupting Rating,
c“ plus “Appropriate Safety Logos”
Packaging
5,000 fuses in 13 inches dia. reel, 12mm wide tape, 4mm pitch,
per EIA Standard 481
Mechanical Dimensions
SSQ
2.54
±0.10mm
(0.100"
±0.004")
6.10
±0.25mm
(0.240"
±0.010")
7
1.35
±0.10mm
(0.053"
±0.004")
2.54
±0.10mm
(0.100"
±0.004")
bel
3.18mm
(0.125")
3.0mm(0.12")
Recommended pad layout
2.0mm(0.08")
2410 Size
11
ß
V
r


Similar Part No. - SSQ10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQ10 BEL-SSQ10 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ10 BEL-SSQ10 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
logo
SeCoS Halbleitertechnol...
SSQ105N60SG SECOS-SSQ105N60SG Datasheet
443Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSQ109N12SG SECOS-SSQ109N12SG Datasheet
447Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSQ10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0679L BEL-0679L Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679L0250-XX BEL-0679L0250-XX Datasheet
895Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ BEL-SSQ_12 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679H BEL-0679H_17 Datasheet
1Mb / 4P
   SQUARE CERAMIC SURFACE MOUNT QUICK ACTING FUSE
0679H0250-XX BEL-0679H0250-XX Datasheet
910Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679H BEL-0679H Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ250 BEL-SSQ250_1 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
   QUICK ACTING FUSE SERIES
2JQ BEL-2JQ Datasheet
99Kb / 2P
   Quick Acting Fuse Series
5HF BEL-5HF_16 Datasheet
1Mb / 4P
   Quick Acting Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com