Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL30 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL30
Description  30A Non-Isolated DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL30 Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL30 Datasheet HTML 1Page - Artesyn Technologies SIL30 Datasheet HTML 2Page - Artesyn Technologies SIL30 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL30 Series
Single output
DC/DC CONVERTERS
30A Non-Isolated DC/DC Converters
2
NEW Product
Notes
1
Uses external resistor from TRIM to output ground. Minimum value
1.9k
Ω. See Application Note 132 for details.
2
Measured with external filter. See Application Note 132 for details.
3
di/dt = 10A/µs, Vin = Nom, Tc = 25°C, load change = 0.5 lo max tp 0.75
lo max and 0.75 lo max to 0.5 lo max.
4
External input fusing is recommended.
5
Power up is the time from application of DC input to POWER GOOD high.
Remote ON/OFF asserted high to POWER GOOD high.
6
Signal line assumed <3m.
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
See Application Note 132 for operation above 50ºC.
9
See Application Note 132 for ripple current requirements.
10 The standard unit with the suffix '-V' is for vertical mounting. To order a
unit with horizontal mounting, please add the suffix '-H' to the model
number, e.g. SIL30-12SADJ-H.
CAUTION: High internal temperatures. Ensure that unit is not user
accessible.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(10)
(MAX.)
(MIN.)
(MAX.)
150W
10.2-13.8VDC
N/A
2.5V
0A
30A
91%
±0.2%
±1.0%
SIL30-12SADJ-V
Please consult our website for the following items: Application Note Longform Data Sheet
www.artesyn.com
PIN CONNECTIONS
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
TRIM
13
Vin
2
No Pin
14
Vin
3
Ground
15
Vout
4
Power Good
16
Vout
5
Not Connected
17
Ground
6
Current Share
18
Vout
7
Ground
19
Ground
8
Ground
20
Vout
9
Remote ON/OFF
21
Ground
10
Remote sense (GND)
22
Vout
11
Remote sense (O/P)
23
Ground
12
Vin
24
Vout
International Safety Standard Approvals (pending)
TÜV
PROTECTION
Short-circuit protection
Foldback, non-latching
Over-temperature protection
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance (See Note 9)
270µF/20m
Ω esr max.
Output capacitance (See Note 9)
2 x 680µF/10m
Ω esr max.
File Name: SIL30.PDF Rev: 19 Sept 2002


Similar Part No. - SIL30

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30C ARTESYN-SIL30C Datasheet
132Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL30C EMERSON-NETWORKPOWER-SIL30C Datasheet
216Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL30C-00SADJ-HJ ARTESYN-SIL30C-00SADJ-HJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SIL30C-00SADJ-VJ ARTESYN-SIL30C-00SADJ-VJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SIL30C-12SADJ-H ARTESYN-SIL30C-12SADJ-H Datasheet
132Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL30

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com