Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXA10-48S3V3 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SXA10-48S3V3
Description  10W Surface Mount DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SXA10-48S3V3 Datasheet(HTML) 2 Page - Artesyn Technologies

  SXA10-48S3V3 Datasheet HTML 1Page - Artesyn Technologies SXA10-48S3V3 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Valid for 48V input, nominal load and 25˚C operation.
2
For applications with input voltages between 36 and 75V, and operating
ambient temperatures of -10˚C to +70˚C the device will deliver an extra
10% output power. The device will continue to meet all specifications
listed in this data sheet. See output characteristic diagram below.
3
Demonstrated life test to-date is 1,300,000 hours at 36˚C. This figure
includes a calculated acceleration factor of 2.14, based on an activation
energy of 0.55eV.
4
To order an Evaluation Kit which contains a SXA10 model pre-mounted
on a circuit card with test points for easy testing in the laboratory, please
add the suffix ‘-EVAL’ to the model number, e.g. SXA10-48S05-EVAL.
Please see the SXA10 Evaluation Board User Guide for further details.
SXA10 Series
Single output
DC/DC CONVERTERS
10W Surface Mount DC/DC Converters
2
Please consult our website for the following items: ✔ Application Note ✔ Longform Data Sheet ✔ Evaluation Kit
www.artesyn.com
1.120 ±0.012
(28.50 ±0.30)
0.057 ±0.004
(1.45 ±0.1)
Seating
Plane
0.42
(10.60)
Max.
3.5
° ±1.5°
0.008
(0.20)
Min.
+0.20
-0.10
)
0.200 ±0.001
(5.08 ±0.03)
Typ.
(Non. Accum.)
0.004
(0.10)
0.010 ±0.002
(0.25 ±0.05)
Seating
Plane
DIMENSIONS IN INCHES (MM)
+0.008
-0.004
2.000
(50.80
0.098 ±0.004
(2.50 ±0.10)
Input Voltage
Range
36 to 75VDC
25 to 75VDC
70
°C85°C
100
°C
Still Air
Ambient Temperature
-10
°C
-40
°C
Nom. (+10%)
Nom.
>0.3msec-1
Forced Air
(60lfm)
Output
Power
INPUT
OUTPUT
NOMINAL
NOMINAL OUTPUT
MINIMUM
MAXIMUM
MODEL
VOLTAGE
VOLTAGE RANGE
OUTPUT VOLTAGE
CURRENT
EFFICIENCY (1)
LOAD REG.(1)
NUMBER (4)
27-75VDC
2.25 to 2.75V
2.5V
2.75A
76%
20mV
SXA10-48S2V5
27-75VDC
2.97 to 3.63V
3.3V
2.75A
79%
20mV
SXA10-48S3V3
27-75VDC
4.5 to 5.5V
5.0V
2.0A
82%
20mV
SXA10-48S05
27-75VDC
10.8 to 13.2V
12V
0.833A
84%
30mV
SXA10-48S12
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VO+
VO-
VO+
VO-
VO-
NC
NC
NC
NC
Vin+
NC
NC
NC
TRIM
NC
NC
NC
NC
UV/REM
Vin-
GENERAL SPECIFICATIONS (Cont.)
Recommended reflow
Convection reflow is recommended
profile
CECC 00 802 Issue 2 and peak <245˚C
See Application Note 102
Clean
Recommended process
is no clean. If aqueous,
ensure unit is thoroughly dried
before applying power
ENVIRONMENTAL SPECIFICATIONS (3)
Ambient (still air)
Unit mounted
-40˚C to +85˚C
vertically, with >3cm2
copper trace
heat-sinking at each
output pin on mounting board
Storage temperature
-40˚C to +125˚C
Detailed environmental specifications are given on the
long form data sheet available on the website
File Name: SXA10.PDF Rev: 08 Mar 2002


Similar Part No. - SXA10-48S3V3

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SXA15 ARTESYN-SXA15 Datasheet
117Kb / 2P
   10.8-15W High Efficiency DC/DC Converters
More results

Similar Description - SXA10-48S3V3

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXA10 ARTESYN-CXA10 Datasheet
50Kb / 2P
   10W DC/DC Converters
logo
TDK Electronics
PXC-M10 TDK-PXC-M10 Datasheet
625Kb / 2P
   10W Medical & Industrial DC-DC Converters
logo
Murata Manufacturing Co...
BWR-5 MURATA-BWR-5 Datasheet
151Kb / 5P
   7-10W, Dual Output DC/DC converters
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
   Isolated 10W Single Output DC/DC Converters
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
   8-10W Wide Input DC/DC Converters
logo
C&D Technologies
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
   Isolated 10W Single Output DC/DC Converters
BWR-15 MURATA-BWR-15 Datasheet
151Kb / 5P
   7-10W, Dual Output DC/DC converters
logo
Minmax Technology Co., ...
IDS100 MINMAX-IDS100 Datasheet
241Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com