Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F240DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # N74F240DB
Description  Octal inverter buffer 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F240DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button N74F240DB Datasheet HTML 3Page - NXP Semiconductors N74F240DB Datasheet HTML 4Page - NXP Semiconductors N74F240DB Datasheet HTML 5Page - NXP Semiconductors N74F240DB Datasheet HTML 6Page - NXP Semiconductors N74F240DB Datasheet HTML 7Page - NXP Semiconductors N74F240DB Datasheet HTML 8Page - NXP Semiconductors N74F240DB Datasheet HTML 9Page - NXP Semiconductors N74F240DB Datasheet HTML 10Page - NXP Semiconductors N74F240DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F240/74F240A/
74F241/74F241A
Buffers
January 2, 1991
7
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Ian, Ibn to Yn
Waveform 1
3.0
2.0
4.5
3.0
6.5
4.5
3.0
2.0
7.5
5.0
ns
tPZH
tPZL
Output enable time
to high or low level
74F240
Waveform 3
Waveform 4
3.0
4.5
5.0
6.5
7.5
8.5
3.0
4.0
9.0
10.0
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 3
Waveform 4
3.0
3.0
5.5
5.0
7.0
7.0
3.0
3.0
7.5
7.5
ns
tPLH
tPHL
Propagation delay
Ian, Ibn to Yn
Waveform 1
2.5
2.0
4.0
3.5
5.5
5.5
2.0
2.0
6.5
6.0
ns
tPZH
tPZL
Output enable time
to high or low level
74F240A
Waveform 3
Waveform 4
2.0
3.5
4.0
5.0
6.5
7.5
2.0
3.0
7.0
8.5
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 3
Waveform 4
2.0
1.5
3.5
2.5
6.0
5.0
1.5
1.0
6.5
5.5
ns
tsk(0)
Output skew1, 2
Waveform 5
1.5
2.0
ns
tPLH
tPHL
Propagation delay
Ian, Ibn to Yn
Waveform 2
2.5
2.5
4.0
4.0
5.2
5.2
2.5
2.5
6.2
6.5
ns
tPZH
tPZL
Output enable time
to high or low level
74F241
Waveform 3
Waveform 4
2.0
2.0
4.0
5.0
5.7
7.0
2.0
2.0
6.7
8.0
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 3
Waveform 4
2.0
2.0
4.0
4.0
6.0
6.0
2.0
2.0
7.0
7.0
ns
tPLH
tPHL
Propagation delay
Ian, Ibn to Yn
Waveform 2
2.5
2.5
4.5
4.5
5.8
5.8
2.5
2.5
6.5
6.5
ns
tPZH
tPZL
Output enable time
to high or low level
74F241A
Waveform 3
Waveform 4
2.5
3.5
4.5
5.0
6.0
7.0
2.0
3.0
6.7
8.0
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 3
Waveform 4
2.0
1.5
4.0
3.5
6.0
5.5
1.5
1.0
6.5
6.0
ns
tsk(0)
Output skew1, 2
Waveform 5
1.5
2.0
ns
Notes to AC electrical characteristics
1. | tPN actual – tPM actual| for any output compared to any other output where N and M are either LH or HL.
2. Skew times are valid only under same test conditions (temperature, VCC, loading, etc.,).
AC WAVEFORMS
Ian, Ibn
VM
VM
VM
VM
tPLH
tPHL
Yn
SF00328
Waveform 1. Propagation delay for inverting outputs
Ian, Ibn
VM
VM
VM
VM
tPHL
tPLH
Yn
SF00329
Waveform 2. Propagation delay for non–invertIng outputs


Similar Part No. - N74F240DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F242D PHILIPS-N74F242D Datasheet
84Kb / 10P
   Quad transceiver, inverting 3-State
1990 Aug 31
N74F242N PHILIPS-N74F242N Datasheet
84Kb / 10P
   Quad transceiver, inverting 3-State
1990 Aug 31
N74F243D PHILIPS-N74F243D Datasheet
84Kb / 10P
   Quad transceiver, inverting 3-State
1990 Aug 31
N74F243N PHILIPS-N74F243N Datasheet
84Kb / 10P
   Quad transceiver, inverting 3-State
1990 Aug 31
N74F244BD PHILIPS-N74F244BD Datasheet
94Kb / 12P
   Octal buffers 3-State
1994 Dec 05
More results

Similar Description - N74F240DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F1240 PHILIPS-74F1240 Datasheet
85Kb / 10P
   Octal inverter buffer 3-State
1999 Jan 08
74F540N PHILIPS-74F540N Datasheet
100Kb / 10P
   Octal inverter buffer (3- State)
1990 Jan 08
74F540 PHILIPS-74F540 Datasheet
84Kb / 10P
   Octal inverter buffer 3- State
1990 Jan 08
74ALS240A PHILIPS-74ALS240A Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com