Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VO2601-X006 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VO2601-X006
Description  High Speed Optocoupler, 10 Mbd
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO2601-X006 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VO2601-X006 Datasheet HTML 4Page - Vishay Siliconix VO2601-X006 Datasheet HTML 5Page - Vishay Siliconix VO2601-X006 Datasheet HTML 6Page - Vishay Siliconix VO2601-X006 Datasheet HTML 7Page - Vishay Siliconix VO2601-X006 Datasheet HTML 8Page - Vishay Siliconix VO2601-X006 Datasheet HTML 9Page - Vishay Siliconix VO2601-X006 Datasheet HTML 10Page - Vishay Siliconix VO2601-X006 Datasheet HTML 11Page - Vishay Siliconix VO2601-X006 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
10
Document Number 84732
Rev. 1.0, 07-Jun-05
6N137 / VO2601 / 11 / VO2630 / 31 / VO4661
Vishay Semiconductors
Package Dimensions in Inches (mm)
i178006
pin one ID
.255 (6.48)
.268 (6.81)
.379 (9.63)
.390 (9.91)
.030 (0.76)
.045 (1.14)
4° typ.
.100 (2.54) typ.
10°
3°–9°
.300 (7.62)
typ.
.018 (.46)
.022 (.56)
.008 (.20)
.012 (.30)
.110 (2.79)
.130(3.30)
.130(3.30)
.150 (3.81)
.020 (.51 )
.035(.89)
.230(5.84)
.250(6.35)
4
3
2
1
.031 (0.79)
.050 (1.27)
5
6
7
8
ISO Method A
.014 (0.35)
.010 (0.25)
.400 (10.16)
.430 (10.92)
.307 (7.8)
.291 (7.4)
.407 (10.36)
.391 (9.96)
Option 6
.315 (8.0)
MIN.
.300 (7.62)
TYP.
.180 (4.6)
.160 (4.1)
.331 (8.4)
MIN.
.406 (10.3)
MAX.
.028 (0.7)
MIN.
Option 7
18450-1


Similar Part No. - VO2601-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2601-X006 VISHAY-VO2601-X006 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
VO2601-X006 VISHAY-VO2601-X006 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO2601-X006 VISHAY-VO2601-X006 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

Similar Description - VO2601-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com