Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F269 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F269
Description  8-bit bidirectional binary counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F269 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F269 Datasheet HTML 1Page - NXP Semiconductors 74F269 Datasheet HTML 2Page - NXP Semiconductors 74F269 Datasheet HTML 3Page - NXP Semiconductors 74F269 Datasheet HTML 4Page - NXP Semiconductors 74F269 Datasheet HTML 5Page - NXP Semiconductors 74F269 Datasheet HTML 6Page - NXP Semiconductors 74F269 Datasheet HTML 7Page - NXP Semiconductors 74F269 Datasheet HTML 8Page - NXP Semiconductors 74F269 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
Product specification
74F269
8–bit bidirectional binary counter
1996 Jan 05
5
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
Tamb
Operating free-air temperature range
0
70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
NO TAG
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONSNO TAG
MIN
TYP
NO TAG
MAX
UNIT
VO
High level output voltage
VCC = MIN, VIL = MAX
±10%VCC
2.5
V
VOH
High-level output voltage
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN, VIL = MAX
±10%VCC
0.30
0.50
V
VOL
Low-level output voltage
VIH = MIN, IOL = MAX
±5%VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
IOS
Short-circuit output currentNO TAG
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
ICCH
VCC =
PE=CET=CEP=U/D=GND,
Pn=4.5V, CP=
93
120
mA
ICC
Supply current (total)
ICCL
CC
MAX
PE=CET=CEP=U/D=GND,
Pn=GND, CP=
98
125
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Similar Part No. - 74F269

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
logo
Fairchild Semiconductor
74F269SC FAIRCHILD-74F269SC Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
More results

Similar Description - 74F269

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269_07 Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
logo
Motorola, Inc
MC74F269 MOTOROLA-MC74F269 Datasheet
156Kb / 5P
   8-BIT BIDIRECTIONAL BINARY COUNTER
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com