Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2831YSDX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2831YSDX
Description  High Frequency 1.5A Load - Step-Down DC-DC Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2831YSDX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2831YSDX Datasheet HTML 1Page - National Semiconductor (TI) LM2831YSDX Datasheet HTML 2Page - National Semiconductor (TI) LM2831YSDX Datasheet HTML 3Page - National Semiconductor (TI) LM2831YSDX Datasheet HTML 4Page - National Semiconductor (TI) LM2831YSDX Datasheet HTML 5Page - National Semiconductor (TI) LM2831YSDX Datasheet HTML 6Page - National Semiconductor (TI) LM2831YSDX Datasheet HTML 7Page - National Semiconductor (TI) LM2831YSDX Datasheet HTML 8Page - National Semiconductor (TI) LM2831YSDX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN
-0.5V to 7V
FB Voltage
-0.5V to 3V
EN Voltage
-0.5V to 7V
SW Voltage
-0.5V to 7V
ESD Susceptibility
2kV
Junction Temperature (Note 2)
150˚C
Storage Temperature
−65˚C to +150˚C
Soldering Information
Infrared or Convection Reflow
(15 sec)
220˚C
Operating Ratings
VIN
3V to 5.5V
Junction Temperature
−40˚C to +125˚C
Electrical Characteristics VIN = 5V unless otherwise indicated under the Conditions column. Limits in
standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of -40˚C to
+125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
FB
Feedback Voltage
LLP-6 and SOT23-5
Package
0.588
0.600
0.612
V
∆V
FB/VIN
Feedback Voltage Line Regulation
V
IN = 3V to 5V
0.02
%/V
I
B
Feedback Input Bias Current
0.1
100
nA
UVLO
Undervoltage Lockout
V
IN Rising
2.73
2.90
V
V
IN Falling
1.85
2.3
UVLO Hysteresis
0.43
V
F
SW
Switching Frequency
LM2831-X
1.2
1.6
1.95
MHz
LM2831-Y
0.4
0.55
0.7
LM2831-Z
2.25
3.0
3.75
D
MAX
Maximum Duty Cycle
LM2831-X
86
94
%
LM2831-Y
90
96
LM2831-Z
82
90
D
MIN
Minimum Duty Cycle
LM2831-X
5
%
LM2831-Y
2
LM2831-Z
7
R
DS(ON)
Switch On Resistance
LLP-6 Package
150
m
SOT23-5 Package
130
195
I
CL
Switch Current Limit
V
IN = 3.3V
1.8
2.5
A
V
EN_TH
Shutdown Threshold Voltage
0.4
V
Enable Threshold Voltage
1.8
I
SW
Switch Leakage
100
nA
I
EN
Enable Pin Current
Sink/Source
100
nA
I
Q
Quiescent Current (switching)
LM2831X V
FB = 0.55
3.3
5
mA
LM2831Y V
FB = 0.55
2.8
4.5
LM2831Z V
FB = 0.55
4.3
6.5
Quiescent Current (shutdown)
All Options V
EN =0V
30
nA
www.national.com
4


Similar Part No. - LM2831YSDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2831YSD/NOPB TI-LM2831YSD/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
More results

Similar Description - LM2831YSDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com