Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2831XMF Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2831XMF
Description  High Frequency 1.5A Load - Step-Down DC-DC Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2831XMF Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2831XMF Datasheet HTML 1Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 2Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 3Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 4Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 5Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 6Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 7Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 8Page - National Semiconductor (TI) LM2831XMF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Connection Diagrams
20174801
6-Pin LLP
20174803
5-Pin SOT-23
Ordering Information
Order Number
Frequency
Option
Package Type
NSC Package
Drawing
Top Mark
Supplied As
LM2831XMF
1.6MHz
SOT23-5
MF05A
SKYB
1000 units Tape and Reel
LM2831XMFX
3000 units Tape and Reel
LM2831XSD
LLP-6
SDE06A
L193B
1000 units Tape and Reel
LM2831XSDX
4500 units Tape and Reel
LM2831YMF
0.55MHz
SOT23-5
MF05A
SKZB
1000 units Tape and Reel
LM2831YMFX
3000 units Tape and Reel
LM2831YSD
LLP-6
SDE06A
L194B
1000 units Tape and Reel
LM2831YSDX
4500 units Tape and Reel
LM2831ZMF
3MHz
SOT23-5
MF05A
SLAB
1000 units Tape and Reel
LM2831ZMFX
3000 units Tape and Reel
LM2831ZSD
LLP-6
SDE06A
L195B
1000 units Tape and Reel
LM2831ZSDX
4500 units Tape and Reel
NOPB versions available as well
www.national.com
2


Similar Part No. - LM2831XMF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2831XMF/NOPB TI-LM2831XMF/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2831XMFX/NOPB TI-LM2831XMFX/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
More results

Similar Description - LM2831XMF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com