Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5320-OOYML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5320-OOYML
Description  Dual, High Performance 150mA uCap ULDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5320-OOYML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5320-OOYML Datasheet HTML 1Page - Micrel Semiconductor MIC5320-OOYML Datasheet HTML 2Page - Micrel Semiconductor MIC5320-OOYML Datasheet HTML 3Page - Micrel Semiconductor MIC5320-OOYML Datasheet HTML 4Page - Micrel Semiconductor MIC5320-OOYML Datasheet HTML 5Page - Micrel Semiconductor MIC5320-OOYML Datasheet HTML 6Page - Micrel Semiconductor MIC5320-OOYML Datasheet HTML 7Page - Micrel Semiconductor MIC5320-OOYML Datasheet HTML 8Page - Micrel Semiconductor MIC5320-OOYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC5320
Dual, High Performance 150mA µCap ULDO™
ULDO is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technologies, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2006
M9999-073106
General Description
The MIC5320 is a tiny Dual Ultra Low-Dropout
(ULDO™) linear regulator ideally suited for portable
electronics. It is ideal for general purpose/ digital
applications which require high power supply ripple
rejection (PSRR) >65dB, eliminating the need for a
bypass capacitor and providing two enable pins for
maximum flexibility. The MIC5320 integrates two high-
performance; 150mA ULDOs into a tiny 6-pin 1.6mm x
1.6mm leadless MLF
®
package, which provides
exceptional thermal package characteristics.
The MIC5320 is a µCap design which enables
operation with very small ceramic output capacitors
for stability, thereby reducing required board space
and component cost. The combination of extremely
low-drop-out voltage, high power supply rejection and
exceptional thermal package characteristics makes it
ideal for powering cellular phone camera modules,
imaging sensors for digital still cameras, PDAs, MP3
players and WebCam applications.
The MIC5320 ULDO™ is available in fixed-output
voltages in the tiny 6-pin 1.6mm x 1.6mm leadless
MLF
® package which is only 2.56mm2 in area, less
than 30% the area of the SOT-23, TSOP and MLF
®
3x3 packages. It’s also available in the thin SOT-23-6
lead
package.
Additional
voltage
options
are
available. For more information, contact Micrel
marketing department.
Data sheets and supporting documentation can be
found on Micrel’s web site at www.micrel.com.
Features
2.3V to 5.5V input voltage range
Ultra-low dropout voltage ULDO™ 35mV @
150mA
Tiny 6-pin 1.6mm x 1.6mm MLF
® leadless
package
Low cost TSOT-23-6 package
Independent enable pins
PSRR – >65dB on each LDO
150mA output current per LDO
µCap stable with 1µF ceramic capacitor
Low quiescent current – 85µA per output
Fast turn-on time – 30µs
Thermal shutdown protection
Current limit protection
Applications
Mobile phones
PDAs
GPS receivers
Portable electronics
Portable media players
Digital still and video cameras
Typical Application
VIN
EN 2
VOUT 1
VOUT 2
GND
MIC5320-x.xYML
1µF
EN 1
1µF
Rx/Synth
Tx
RF
Transceiver
1µF
RF Power Supply Circuit


Similar Part No. - MIC5320-OOYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320-OOYMT MICREL-MIC5320-OOYMT Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
More results

Similar Description - MIC5320-OOYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5318 MICREL-MIC5318 Datasheet
321Kb / 11P
   High Performance 300mA uCap ULDO TM
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
logo
Micrel Semiconductor
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com