Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5320-MNYML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5320-MNYML
Description  Dual, High Performance 150mA uCap ULDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5320-MNYML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5320-MNYML Datasheet HTML 1Page - Micrel Semiconductor MIC5320-MNYML Datasheet HTML 2Page - Micrel Semiconductor MIC5320-MNYML Datasheet HTML 3Page - Micrel Semiconductor MIC5320-MNYML Datasheet HTML 4Page - Micrel Semiconductor MIC5320-MNYML Datasheet HTML 5Page - Micrel Semiconductor MIC5320-MNYML Datasheet HTML 6Page - Micrel Semiconductor MIC5320-MNYML Datasheet HTML 7Page - Micrel Semiconductor MIC5320-MNYML Datasheet HTML 8Page - Micrel Semiconductor MIC5320-MNYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC5320
July 2006
2
M9999-073106
Ordering Information
Part number
Manufacturing
Part Number
Voltage
Junction Temperature
Range
Package
MIC5320-1.8/1.5YML
MIC5320-GFYML
1.8V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-1.8/1.6YML
MIC5320-GWYML
1.8V/1.6V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.5/1.8YML
MIC5320-JGYML
2.5V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.5/2.5YML
MIC5320-JJYML
2.5V/2.5V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.6/1.85YML
MIC5320-KDYML
2.6V/1.85
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.6/1.8YML
MIC5320-KGYML
2.6V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.7/2.7YML
MIC5320-LLYML
2.7V/2.7V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.8/1.5YML
MIC5320-MFYML
2.8V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.8/1.8YML
MIC5320-MGYML
2.8V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.8/2.6YML
MIC5320-MKYML
2.8V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.8/2.8YML
MIC5320-MMYML
2.8V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.8/2.85YML
MIC5320-MNYML
2.8V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.85/1.85YML
MIC5320-NDYML
2.85V/1.85V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.85/2.6YML
MIC5320-NKYML
2.85V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.85/2.85YML
MIC5320-NNYML
2.85V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.9/1.5YML
MIC5320-OFYML
2.9V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.9/1.8YML
MIC5320-OGYML
2.9V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-2.9/2.9YML
MIC5320-OOYML
2.9V/2.9V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.0/1.8YML
MIC5320-PGYML
3.0V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.0/2.5YML
MIC5320-PJYML
3.0V/2.5V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.0/2.6YML
MIC5320-PKYML
3.0V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.0/2.8YML
MIC5320-PMYML
3.0V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.0/2.85YML
MIC5320-PNYML
3.0V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.0/3.0YML
MIC5320-PPYML
3.0V/3.0V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/1.5YML
MIC5320-SFYML
3.3V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/1.8YML
MIC5320-SGYML
3.3V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/2.5YML
MIC5320-SJYML
3.3V/2.5V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/2.6YML
MIC5320-SKYML
3.3V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/2.7YML
MIC5320-SLYML
3.3V/2.7V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/2.8YML
MIC5320-SMYML
3.3V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/2.85YML
MIC5320-SNYML
3.3V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/2.9YML
MIC5320-SOYML
3.3V/2.9V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/3.0YML
MIC5320-SPYML
3.3V/3.0V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/3.2YML
MIC5320-SRYML
3.3V/3.2V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/3.3YML
MIC5320-SSYML
3.3V/3.3V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-1.8/1.5YD6
MIC5320-GFYD6
1.8V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-1.8/1.6YD6
MIC5320-GWYD6
1.8V/1.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.5/1.8YD6
MIC5320-JGYD6
2.5V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.5/2.5YD6
MIC5320-JJYD6
2.5V/2.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.6/1.85YD6
MIC5320-KDYD6
2.6V/1.85
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.6/1.8YD6
MIC5320-KGYD6
2.6V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.7/2.7YD6
MIC5320-LLYD6
2.7V/2.7V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.8/1.5YD6
MIC5320-MFYD6
2.8V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.8/1.8YD6
MIC5320-MGYD6
2.8V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.8/2.6YD6
MIC5320-MKYD6
2.8V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.8/2.8YD6
MIC5320-MMYD6
2.8V/2.8V
–40°C to +125°C
6-Pin TSOT-23


Similar Part No. - MIC5320-MNYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320-MFYD6 MICREL-MIC5320-MFYD6 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5320-MFYML MICREL-MIC5320-MFYML Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5320-MFYMT MICREL-MIC5320-MFYMT Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5320-MGYD6 MICREL-MIC5320-MGYD6 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5320-MGYML MICREL-MIC5320-MGYML Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
More results

Similar Description - MIC5320-MNYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5318 MICREL-MIC5318 Datasheet
321Kb / 11P
   High Performance 300mA uCap ULDO TM
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
logo
Micrel Semiconductor
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com