Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD10-220 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SD10-220
Description  High Power Density, Low Profile, Shielded Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD10-220 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SD10-220 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD10-220 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD10-220 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD10-220 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD10-220 Datasheet HTML 5Page - List of Unclassifed Manufacturers SD10-220 Datasheet HTML 6Page - List of Unclassifed Manufacturers SD10-220 Datasheet HTML 7Page - List of Unclassifed Manufacturers SD10-220 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
(1) Open Circuit Inductance Test Parameters: 100KHz, 0.25Vrms, 0.0Adc.
(2) RMS current for an approximate ∆T of 40°C without core loss. It is
recommended that the temperature of the part not exceed 125°C.
(3) Peak current for approximate 30% roll off at 20°C.
(4) DCR limits @ 20°C.
5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to
generate a core loss equal to 10% of the total losses for 40°C temperature rise.
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (4)
Volt
Inductance
+/-20%
Marking
Amperes
Amperes
(Ω)u-sec
(µH)
(µH)
Typ.
Typ.
SD12-221
220
222.0
S
0.229
0.181
4.76
60.49
SD12-331
330
334.9
T
0.186
0.148
7.25
74.30
SD12-471
470
462.3
U
0.167
0.126
8.95
87.29
SD12-681
680
670.8
V
0.149
0.104
11.30
105
SD12-821
820
800.9
W
0.129
0.095
14.93
115
SD12-102
1000
992.3
X
0.121
0.086
17.20
128
SD18-R47
0.47
0.49
A
3.58
4.63
0.0201
2.35
SD18-R82
0.82
0.81
B
3.24
3.60
0.0247
3.02
SD18-1R2
1.20
1.21
C
2.97
2.95
0.0294
3.70
SD18-1R5
1.50
1.69
D
2.73
2.49
0.0345
4.37
SD18-2R2
2.20
2.25
E
2.55
2.16
0.0398
5.04
SD18-3R3
3.30
3.61
F
2.07
1.71
0.0605
6.38
SD18-4R7
4.70
4.41
G
1.77
1.54
0.0824
7.06
SD18-6R2
6.20
6.25
H
1.61
1.30
0.1000
8.40
SD18-8R2
8.20
8.41
J
1.38
1.12
0.1351
9.74
SD18-100
10.0
10.89
K
1.28
0.982
0.1584
11.09
SD18-150
15.0
15.21
L
1.06
0.831
0.2278
13.10
SD18-220
22.0
22.09
M
0.876
0.689
0.3366
15.79
SD18-330
33.0
32.49
N
0.715
0.568
0.5057
19.15
SD18-470
47.0
47.61
O
0.578
0.470
0.7732
23.18
SD18-680
68.0
68.89
P
0.514
0.390
0.9798
27.89
SD18-820
82.0
82.81
Q
0.446
0.356
1.30
30.58
SD18-101
100
102.01
R
0.419
0.321
1.47
33.94
SD18-151
150
151.29
S
0.345
0.263
2.18
41.33
SD18-221
220
222.01
T
0.296
0.217
2.95
50.06
SD18-331
330
334.89
U
0.248
0.177
4.20
61.49
SD18-471
470
479.61
V
0.201
0.148
6.39
73.58
SD18-681
680
681.21
W
0.167
0.124
9.28
87.70
SD18-821
820
823.69
X
0.145
0.113
12.35
96.43
SD18-102
1000
1004
Y
0.136
0.102
14.01
107
SD20-R47
0.47
0.490
A
3.59
4.00
0.0200
2.28
SD20-1R2
1.20
1.21
B
3.07
2.55
0.0275
3.58
SD20-1R5
1.50
1.69
C
2.88
2.15
0.0312
4.23
SD20-2R2
2.20
2.25
D
2.45
1.87
0.0429
4.88
SD20-3R3
3.30
3.61
E
2.17
1.47
0.0547
6.18
SD20-4R7
4.70
4.41
F
2.05
1.33
0.0612
6.83
SD20-6R2
6.20
6.25
G
1.89
1.12
0.0720
8.13
SD20-8R2
8.20
8.41
H
1.61
0.966
0.1000
9.43
SD20-100
10.0
9.61
J
1.53
0.903
0.1100
10.08
SD20-150
15.0
15.21
K
1.25
0.718
0.1655
12.68
SD20-220
22.0
22.09
L
1.12
0.596
0.2053
15.28
SD20-330
33.0
32.49
M
0.913
0.491
0.3100
18.53
SD20-470
47.0
47.61
N
0.745
0.406
0.4650
22.43
SD20-680
68.0
68.89
O
0.610
0.337
0.6947
26.98
SD20-820
82.0
82.81
P
0.576
0.308
0.7785
29.58
SD20-101
100
98.01
Q
0.495
0.283
1.06
32.18
SD20-151
150
151.3
R
0.435
0.228
1.37
39.98
SD20-221
220
222.0
S
0.356
0.188
2.04
48.43
SD20-331
330
327.6
T
0.294
0.155
2.99
58.83
SD20-471
470
470.9
U
0.263
0.129
3.74
70.53
SD20-681
680
681.2
V
0.216
0.107
5.56
84.83
SD20-821
820
823.7
W
0.204
0.098
6.22
93.28
SD20-102
1000
1004.9
X
0.172
0.088
8.73
103
SD25-R47
0.47
0.466
A
3.88
6.00
0.0177
2.13
SD25-R82
0.82
0.770
B
3.58
4.67
0.0208
2.74
SD25-1R2
1.20
1.15
C
3.33
3.81
0.0240
3.34
SD25-1R5
1.50
1.61
D
3.12
3.23
0.0274
3.95
SD25-2R2
2.20
2.14
E
2.93
2.80
0.0311
4.56
®
SD Series
High Power Density,
Low Profile, Shielded Inductors


Similar Part No. - SD10-220

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD10-220-R COOPER-SD10-220-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD10-220-R COOPER-SD10-220-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD10-220-R COOPER-SD10-220-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD10-220-R EATON-SD10-220-R Datasheet
746Kb / 9P
   Low profile metalized shielded drum core power inductors
More results

Similar Description - SD10-220

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
   High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD52 EATON-SD52 Datasheet
382Kb / 4P
   High power density, low profile shielded power inductors
logo
Cooper Bussmann, Inc.
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD14-4R5-R COOPER-SD14-4R5-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD20-100-R COOPER-SD20-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
DR124 EATON-DR124 Datasheet
655Kb / 5P
   High power density, high efficiency, low profile shielded drum core power inductors
logo
Cooper Bussmann, Inc.
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
   High power density, high efficiency, shielded inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com