Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F244D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # N74F244D
Description  Octal buffers 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F244D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button N74F244D Datasheet HTML 3Page - NXP Semiconductors N74F244D Datasheet HTML 4Page - NXP Semiconductors N74F244D Datasheet HTML 5Page - NXP Semiconductors N74F244D Datasheet HTML 6Page - NXP Semiconductors N74F244D Datasheet HTML 7Page - NXP Semiconductors N74F244D Datasheet HTML 8Page - NXP Semiconductors N74F244D Datasheet HTML 9Page - NXP Semiconductors N74F244D Datasheet HTML 10Page - NXP Semiconductors N74F244D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F244/74F244B
Octal buffers (3-State)
1994 Dec 5
7
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
Yn
Ian, Ibn
tPLH
tPHL
SF00231
Waveform 1. Propagation Delay for data to outputs
VOH–0.3V
VM
VM
VM
Yn
tPZH
tPHZ
SF00233
OEn
0V
Waveform 2. 3-State output enable time to high level
and output disable time from high level
VM
VM
Yn, Yn
tsk(0)
SF00232
Yn, Yn
Waveform 3. Output skew
VOL+0.3V
VM
VM
VM
Yn
tPZL
tPLZ
SF00234
OEn
3.5V
Waveform 4. 3-State output enable time to low level
and output disable time from low level
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns 2.5ns
2.5ns
Input pulse definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test circuit for 3-State outputs
DEFINITIONS:
RL = Load resistor; see AC electrical characteristics for
value.
CL = Load capacitance includes jig and probe
capacitance; see AC electrical characteristics for
value
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SWITCH POSITION
TEST
SWITCH
closed
open
All other
tPLZ, tPZL
SF000235


Similar Part No. - N74F244D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F240AD PHILIPS-N74F240AD Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
N74F240AN PHILIPS-N74F240AN Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
N74F240D PHILIPS-N74F240D Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
N74F240DB PHILIPS-N74F240DB Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
N74F240N PHILIPS-N74F240N Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
More results

Similar Description - N74F244D

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G244A POTATO-PO74G244A_14 Datasheet
1Mb / 5P
   OCTAL 3-STATE BUS BUFFERS
PO74G244A POTATO-PO74G244A Datasheet
497Kb / 6P
   OCTAL 3-STATE BUS BUFFERS
logo
Texas Instruments
SN54ALS468A TI-SN54ALS468A Datasheet
196Kb / 5P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUT
SN54LS465 TI-SN54LS465 Datasheet
180Kb / 9P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
HEF40244B_CNV PHILIPS-HEF40244B_CNV_15 Datasheet
77Kb / 6P
   Octal buffers with 3-state outputs
January 1995
logo
Nexperia B.V. All right...
HEF40244B NEXPERIA-HEF40244B Datasheet
199Kb / 14P
   Octal buffers with 3-state outputs
Rev. 4 - 29 June 2018
logo
Texas Instruments
SN54ALS465A TI1-SN54ALS465A_08 Datasheet
98Kb / 6P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
HEF40244B PHILIPS-HEF40244B Datasheet
72Kb / 6P
   Octal buffers with 3-state outputs
January 1995
logo
Texas Instruments
SN54LS465 TI-SN54LS465_07 Datasheet
598Kb / 17P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com