Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z22V Datasheet(PDF) 3 Page - Weitron Technology

Part # MM3Z22V
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MM3Z22V Datasheet(HTML) 3 Page - Weitron Technology

  MM3Z22V Datasheet HTML 1Page - Weitron Technology MM3Z22V Datasheet HTML 2Page - Weitron Technology MM3Z22V Datasheet HTML 3Page - Weitron Technology MM3Z22V Datasheet HTML 4Page - Weitron Technology MM3Z22V Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
E L E C T R IC A L C HA R A C T E R IS T IC S(TA = 25 C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Zener Voltage (Note)
Zener Impedance
L eakage C urrent
V Z
C
Device
V Z (Volts )
@ ZT
ZZT
@ ZT
ZZK @ I ZK
IR @ VR
V Z
(mV /k)
@ ZT
C
@ V R =0
f=1MHz
Device
Device
Marking
Min
Nom
Max
mA
mA
uA
Volts
Min
Max
pF
MM3Z2V 4
00
2.2
2.4
2.6
5
100
1000
0.5
50
1.0
-3.5
0
450
MM3Z2V 7
01
2.5
2.7
2.9
5
100
1000
0.5
20
1.0
-3.5
0
450
MM3Z3V 0
02
2.8
3.0
3.2
5
100
1000
0.5
10
1.0
-3.5
0
450
MM3Z3V 3
05
3.1
3.3
3.5
5
95
1000
0.5
5
1.0
-3.5
0
450
MM3Z3V 6
06
3.4
3.6
3.8
5
90
1000
0.5
5
1.0
-3.5
0
450
MM3Z3V 9
07
3.7
3.9
4.1
5
90
1000
0.5
3
1.0
-3.5
-2.5
450
MM3Z4V 3
08
4.0
4.3
4.6
5
90
1000
0.5
3
1.0
-3.5
0
450
MM3Z4V 7
09
4.4
4.7
5.0
5
80
800
0.5
3
2.0
-3.5
0.2
260
MM3Z5V 1
0A
4.8
5.1
5.4
5
60
500
0.5
2
2.0
-2.7
1.2
225
MM3Z5V 6
0C
5.2
5.6
6.0
5
40
200
0.5
1
2.0
-2.0
2.5
200
MM3Z6V 2
0E
5.8
6.2
6.6
5
10
100
0.5
3
4.0
0.4
3.7
185
MM3Z6V 8
0F
6.4
6.8
7.2
5
15
160
0.5
2
4.0
1.2
4.5
155
MM3Z7V 5
0G
7.0
7.5
7.9
5
15
160
0.5
1
5.0
2.5
5.3
140
MM3Z8V 2
0H
7.7
8.2
8.7
5
15
160
0.5
0.7
5.0
3.2
6.2
135
MM3Z9V 1
0K
8.5
9.1
9.6
5
15
160
0.5
0.2
7.0
3.8
7.0
130
MM3Z10V
0L
9.4
10
10.6
5
20
160
0.5
0.1
8.0
4.5
8.0
130
MM3Z11V
0M
10.4
11
11.6
5
20
160
0.5
0.1
8.0
5.4
9.0
130
MM3Z12V
0N
11.4
12
12.7
5
25
80
0.5
0.1
8.0
6.0
10
130
MM3Z13V
0P
12.4
13.25
14.1
5
30
80
0.5
0.1
8.0
7.0
11
120
MM3Z15V
0T
14.3
15
15.8
5
30
80
0.5
0.05
10.5
9.2
13
110
MM3Z16V
0U
15.3
16.2
17.1
5
40
80
0.5
0.05
11.2
10.4
14
105
MM3Z18V
0W
16.8
18
19.1
5
45
80
0.5
0.05
12.6
12.4
16
100
MM3Z20V
0Z
18.8
20
21.2
5
55
100
0.5
0.05
14.0
14.4
18
85
MM3Z22V
10
20.8
22
23.3
5
55
100
0.5
0.05
15.4
16.4
20
85
MM3Z24V
11
22.8
24.2
25.6
5
70
120
0.5
0.05
16.8
18.4
22
80
MM3Z27V
12
25.1
27
28.9
2
80
300
0.5
0.05
18.9
21.4
25.3
70
MM3Z30V
14
28
30
32
2
80
300
0.5
0.05
21.0
24.4
29.4
70
MM3Z33V
18
31
33
35
2
80
300
0.5
0.05
23.2
27.4
33.4
70
MM3Z36V
19
34
36
38
2
90
500
0.5
0.05
25.2
30.4
37.4
70
MM3Z39V
20
37
39
41
2
130
500
0.5
0.05
27.3
33.4
41.2
45
MM3Z43V
21
40
43
46
2
150
500
0.5
0.05
30.1
37.6
46.6
40
MM3Z47V
1A
44
47
50
2
170
500
0.5
0.05
32.9
42.0
51.8
40
MM3Z51V
1C
48
51
54
2
180
500
0.5
0.05
35.7
46.6
57.2
40
MM3Z56V
1D
52
56
60
2
200
500
0.5
0.05
39.2
52.2
63.8
40
MM3Z62V
1E
58
62
66
2
215
500
0.5
0.05
43.4
58.8
71.6
35
MM3Z68V
1F
64
68
72
2
240
500
0.5
0.05
47.6
65.6
79.8
35
MM3Z75V
1G
70
75
79
2
255
500
0.5
0.05
52.5
73.4
88.6
35
Note: Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25 C .
Θ
MM3Z2V4 Series
WE IT R ON
http://www.weitron.com.tw
WEITRON
I
I
I


Similar Part No. - MM3Z22V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MM3Z22V SECOS-MM3Z22V Datasheet
198Kb / 3P
   Surface Mount Zener Diode
logo
YENYO TECHNOLOGY Co., L...
MM3Z22V YENYO-MM3Z22V Datasheet
387Kb / 4P
   ZENER DIODES
logo
SeCoS Halbleitertechnol...
MM3Z22V SECOS-MM3Z22V Datasheet
220Kb / 3P
   Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating
logo
Shanghai Leiditech Elec...
MM3Z22V LEIDITECH-MM3Z22V Datasheet
349Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Fairchild Semiconductor
MM3Z22VB FAIRCHILD-MM3Z22VB Datasheet
490Kb / 6P
   Zener Diodes
More results

Similar Description - MM3Z22V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com