Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2907 Datasheet(PDF) 3 Page - Weitron Technology

Part # MMBT2907
Description  PNP General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT2907 Datasheet(HTML) 3 Page - Weitron Technology

  MMBT2907 Datasheet HTML 1Page - Weitron Technology MMBT2907 Datasheet HTML 2Page - Weitron Technology MMBT2907 Datasheet HTML 3Page - Weitron Technology MMBT2907 Datasheet HTML 4Page - Weitron Technology MMBT2907 Datasheet HTML 5Page - Weitron Technology MMBT2907 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBT2907
MMBT2907A
REVERSE BIAS VOLTAGE (V)
-0.1
-1
-10
-50
20
16
12
8
4
0
Cob
Cib
FIG.6 Input and Output Capacitance
vs Reverse Bias Voltage
FIG.5 Collector-Cutoff Current
vs. Ambient Temperature
VCB=35V
25
50
75
100
125
TA- AMBIENT TEMPERATURE ( C)
1
100
10
0.1
0.01
Ic-COLLECTOR CURRENT (mA)
FIG.3 Base-Emitter Saturation Voltage
vs Collector Current
-40 C
25 C
125 C
b=10
1
10
100
500
1
0.8
0.6
0.4
0.2
0
Ic-COLLECTOR CURRENT (mA)
0.1
1
10
25
FIG.4 Base Emitter ON Voltage
vs Collector Current
-40 C
25 C
125 C
VCE=5V
1
0.8
0.6
0.4
0.2
0
FIG.2 Collector-Emitter Saturation
Voltage vs collector Current
IC COLLECTOR CURRENT(mA)
1
10
100
500
0.5
0.4
0.3
0.2
0.1
0
b=10
25 C
125 C
-40 C
I
C COLLECTOR CURRENT(mA)
0.1
0.3
1
3
10
30
100
300
500
400
300
200
100
0
FIG.1 Typical Pulsed Current Gain
vs Collector Current
VCE=5V
125 C
25 C
-40 C
WEITRON
Typical Electrical Characteristics
http://www.weitron.com.tw


Similar Part No. - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT2907 SAMSUNG-MMBT2907 Datasheet
69Kb / 2P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
GUANGDONG HOTTECH INDUS...
MMBT2907 HOTTECH-MMBT2907 Datasheet
197Kb / 2P
   Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
MMBT2907 FAIRCHILD-MMBT2907 Datasheet
42Kb / 2P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
MMBT2907 BILIN-MMBT2907 Datasheet
196Kb / 4P
   PNP General Purpose Amplifier
logo
Diotec Semiconductor
MMBT2907 DIOTEC-MMBT2907 Datasheet
59Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com