Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2907 Datasheet(PDF) 1 Page - Weitron Technology

Part # MMBT2907
Description  PNP General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT2907 Datasheet(HTML) 1 Page - Weitron Technology

  MMBT2907 Datasheet HTML 1Page - Weitron Technology MMBT2907 Datasheet HTML 2Page - Weitron Technology MMBT2907 Datasheet HTML 3Page - Weitron Technology MMBT2907 Datasheet HTML 4Page - Weitron Technology MMBT2907 Datasheet HTML 5Page - Weitron Technology MMBT2907 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PNP General Purpose Transistors
1.FR-5=1.0 x 0.75 x 0.062 in
2.Alumina=0.4 x 0.3 x 0.024 in. 99.5% alumina
MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base VOltage
Collector Current-Continuous
Symbol
VCEO
VCBO
VEBO
IC
2907
-40
-60
2907A
-60
Unit
Vdc
Vdc
Vdc
mAdc
-600
-5.0
Rating
Total Device Dissipation FR-5 Board (1)
TA=25 C
Derate above 25 C
Thermal Resistance, Junction to Ambient
Thermal Resistance, Junction to Ambient
Total Device Dissipation
Alumina Substrate, (2) TA=25 C
Derate above 25 C
Junction and Storage,Temperature
Characteristics
TJ,Tstg
R JA
PD
PD
Symbol
Max
225
1.8
556
300
2.4
417
-55 to +150
Unit
mW
mW/ C
C/W
mW
mW/ C
C/W
C
THERMAL CHARACTERISTICS
MMBT2907=M2B; MMBT2907A=2F
DEVICE MARKING
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= -10 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= -10 µAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= -10 µAdc, IC=0)
Collector Cutoff Current (VCE= -30 Vdc,VEB (0ff)= -0.5Vdc)
Collector Cutoff Current (VCB= -50 Vdc, IE=0)
(VCB= -50Vdc, IE=0,TA=125 C)
Base Cutoff Current (VCE= -30Vdc,VEB(off)= -0.5Vdc)
MMBT2907
MMBT2907A
MMBT2907
MMBT22907A
MMBT2907
MMBT2907A
MMBT2907A
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICEX
ICBO
IB
-40
-60
-60
-5.0
-
-
-
-
-
-
-
-
-
-
-50
-0.020
-0.010
-20
-10
-50
Vdc
Vdc
Vdc
nAdc
nAdc
nAdc
OFF CHARACTERISTICS
MMBT2907
MMBT2907A
1
2
3
BASE
COLLECTOR
EMITTER
WEITRON
http://www.weitron.com.tw
R JA
q
q
SOT-23
1
2
3


Similar Part No. - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT2907 SAMSUNG-MMBT2907 Datasheet
69Kb / 2P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
GUANGDONG HOTTECH INDUS...
MMBT2907 HOTTECH-MMBT2907 Datasheet
197Kb / 2P
   Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
MMBT2907 FAIRCHILD-MMBT2907 Datasheet
42Kb / 2P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
MMBT2907 BILIN-MMBT2907 Datasheet
196Kb / 4P
   PNP General Purpose Amplifier
logo
Diotec Semiconductor
MMBT2907 DIOTEC-MMBT2907 Datasheet
59Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com