Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD3004S Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBD3004S
Description  Surface Mount Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBD3004S Datasheet(HTML) 2 Page - Weitron Technology

  MMBD3004S Datasheet HTML 1Page - Weitron Technology MMBD3004S Datasheet HTML 2Page - Weitron Technology MMBD3004S Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
WE IT R ON
Maximum Ratings (TA=25 C Unless otherwise noted)
Electrical Characteristics (TA=25 C Unless otherwise noted)
Characteristic
Symbol
Forward Voltage
Total Capacitance
(VR=0V, f=1.0MHz)
Reverse Leakage
V =240V, @T =25 C
IR
Cj
VF
Max
Unit
Volts
Volts
F
P
nAdc
uAdc
http://www.weitron.com.tw
MMBD3004/C/A/S
IF=100mA
1.0
-
-
-
-
-
5.0
100
100
50
Min
Reverse Recovery Time
IF R
R
A
V =240V, @T =150 C
R
A
= I =30mA
Irr =3.0mA*IR ,RL=100
trr
nS
MMBD3004/C/A/S
Non-Repetitive
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Forward Continuous Current
Repetitive Peak Forward Current
Peak Forward Surge Current
@t=1.0us
@t=1.0s
Power Dissipation
Thermal Resistance Junction to
Ambient Air
Operating and Storage
Temperature Range
VRRM
VR
VRWM
IF
I
IFSM
FRM
Pd
θ
R JA
Tj ,TSTG
225
625
4.0
1.0
350
357
-65 to +150
Volts
Volts
mA
mA
A
mW
K/W
C
Characteristic
Symbol
Unit
350
300
Reverse Breakdown Voltage
IR=150uA
V(BR)R
350


Similar Part No. - MMBD3004S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD3004S DIODES-MMBD3004S Datasheet
165Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30353 Rev. 2 - 2
MMBD3004S DIODES-MMBD3004S Datasheet
80Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30353 Rev. 6 - 2
logo
Pan Jit International I...
MMBD3004S PANJIT-MMBD3004S Datasheet
103Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
TAITRON Components Inco...
MMBD3004S TAITRON-MMBD3004S Datasheet
252Kb / 6P
   Three Terminals SMD Switching Diodes
logo
Pan Jit International I...
MMBD3004S PANJIT-MMBD3004S Datasheet
128Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - MMBD3004S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com