Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C43 Datasheet(PDF) 5 Page - Weitron Technology

Part # BZX84C43
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BZX84C43 Datasheet(HTML) 5 Page - Weitron Technology

  BZX84C43 Datasheet HTML 1Page - Weitron Technology BZX84C43 Datasheet HTML 2Page - Weitron Technology BZX84C43 Datasheet HTML 3Page - Weitron Technology BZX84C43 Datasheet HTML 4Page - Weitron Technology BZX84C43 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TYPICAL CHARACTERISTICS
100
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 5. Typical Capacitance
1000
100
10
1
10
1
BIAS AT
50% OF VZ NOM
TA = 25 C
0 V BIAS
1 V BIAS
12
VZ, ZENER VOLTAGE (V)
100
10
1
0.1
0.01
10
8
6
4
2
0
TA = 25 C
VZ, ZENER VOLTAGE (V)
100
10
1
0.1
0.01
10
30
50
70
90
TA = 25 C
90
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 6. Typical Leakage Current
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150 C
+25 C
-55 C
Figure 7. Zener Voltage versus Zener Current
(VZ Up to 12 V)
Figure 8. Zener Voltage versus Zener Current
(12 V to 75 V)
BZX84C2V4 Series
WEITRON
http://www.weitron.com.tw


Similar Part No. - BZX84C43

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C43 DIODES-BZX84C43 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
BZX84C43 VISHAY-BZX84C43 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Suntan Capacitors
BZX84C43 SUNTAN-BZX84C43 Datasheet
136Kb / 3P
   Zener breakdown voltage range - 2.0 V to 75 V
logo
Taiwan Semiconductor Co...
BZX84C43 TSC-BZX84C43 Datasheet
71Kb / 3P
   Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
logo
Dongguan City Niuhang E...
BZX84C43 NIUHANG-BZX84C43 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results

Similar Description - BZX84C43

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com