Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC115EE Datasheet(PDF) 4 Page - Weitron Technology

Part # DTC115EE
Description  Bias Resistor Transistor NPN Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTC115EE Datasheet(HTML) 4 Page - Weitron Technology

  DTC115EE Datasheet HTML 1Page - Weitron Technology DTC115EE Datasheet HTML 2Page - Weitron Technology DTC115EE Datasheet HTML 3Page - Weitron Technology DTC115EE Datasheet HTML 4Page - Weitron Technology DTC115EE Datasheet HTML 5Page - Weitron Technology DTC115EE Datasheet HTML 6Page - Weitron Technology DTC115EE Datasheet HTML 7Page - Weitron Technology DTC115EE Datasheet HTML 8Page - Weitron Technology DTC115EE Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
WEITRON
http://www.weitron.com.tw
(TA=25 C Unless Otherwise noted)
DTC114EE Series
4/13
12-Jun-06
On Characteristics(4)
DTC114EE
DTC124EE
DTC144EE
DTC114YE
DTC114TE
DTC143TE
DTC123EE
DTC143EE
DTC143ZE
DTC124XE
DTC123JE
DTC115EE
DTC144WE
DTC114EE / DTC124EE
DTC144EE / DTC115EE
DTC114YE
DTC114TE / DTC143TE
DTC123EE / DTC143EE
DTC143ZE
DTC124XE
DTC123JE
DTC144WE
Input Resistor
DTC114TE
DTC143TE
DTC143ZE
Output Voltage(off)
VCC=5.0V, VB=0.5V RL=1.0KΩ
VCC=5.0V, VB=0.25V RL=1.0KΩ
Resistor Ratio
-
R1
7.0
15.4
32.9
7.0
7.0
3.3
1.5
3.3
3.3
15.4
15.4
70
32.9
10
22
47
10
10
4.7
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
2.9
6.1
6.1
28.6
2.86
130
61.1
V
VOH
4.9
-
-
R1/R2
0.8
0.17
-
0.8
0.055
0.38
0.038
1.7
1.0
0.21
-
1.0
0.1
0.47
0.047
2.1
1.2
0.25
-
1.2
0.185
0.56
0.056
2.6
WEITRON
Typ
Max
Unit
Min
Symbol
Characteristics
4. PulseTest: Pulse Width < 300us, Duty Cycle < 2.0%
ElectricalCharacteristics


Similar Part No. - DTC115EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115EE ROHM-DTC115EE Datasheet
68Kb / 4P
   Digital transistors (built-in resistors)
logo
AiT Semiconductor Inc.
DTC115EE AITSEMI-DTC115EE Datasheet
719Kb / 10P
   DIGITAL TRANSISTORS (BRT) NPN TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Rohm
DTC115EE ROHM-DTC115EE Datasheet
82Kb / 3P
   Digital transistors (built-in resistors)
DTC115EE ROHM-DTC115EE Datasheet
188Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Weitron Technology
DTC115EE WEITRON-DTC115EE Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
More results

Similar Description - DTC115EE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com