Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC124XE Datasheet(PDF) 5 Page - Weitron Technology

Part # DTC124XE
Description  Bias Resistor Transistor NPN Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTC124XE Datasheet(HTML) 5 Page - Weitron Technology

  DTC124XE Datasheet HTML 1Page - Weitron Technology DTC124XE Datasheet HTML 2Page - Weitron Technology DTC124XE Datasheet HTML 3Page - Weitron Technology DTC124XE Datasheet HTML 4Page - Weitron Technology DTC124XE Datasheet HTML 5Page - Weitron Technology DTC124XE Datasheet HTML 6Page - Weitron Technology DTC124XE Datasheet HTML 7Page - Weitron Technology DTC124XE Datasheet HTML 8Page - Weitron Technology DTC124XE Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
WEITRON
http://www.weitron.com.tw
DTC114EE Series
5/13
12-Jun-06
WEITRON
DTC114EE Series
Figure 1. Derating Curve
250
200
150
100
50
0
TA , AMBIENT TEMPERATURE (°C)
R JA = 600°C/W
0.00001
0.0001
0.001
0.01
0.1
1.0
10
100
1000
0.001
0.01
0.1
1.0
t, TIME (s)
Figure 2. Normalized Thermal Response
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5


Similar Part No. - DTC124XE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124XE ROHM-DTC124XE Datasheet
66Kb / 4P
   Digital transistors (built-in resistors)
DTC124XE ROHM-DTC124XE Datasheet
147Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Weitron Technology
DTC124XE WEITRON-DTC124XE Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
logo
ON Semiconductor
DTC124XE ONSEMI-DTC124XE Datasheet
135Kb / 10P
   Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
August, 2012 ??Rev. 0
logo
Rohm
DTC124XE ROHM-DTC124XE Datasheet
101Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC124XE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com