Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F242 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F242
Description  Quad transceiver, inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F242 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F242 Datasheet HTML 1Page - NXP Semiconductors 74F242 Datasheet HTML 2Page - NXP Semiconductors 74F242 Datasheet HTML 3Page - NXP Semiconductors 74F242 Datasheet HTML 4Page - NXP Semiconductors 74F242 Datasheet HTML 5Page - NXP Semiconductors 74F242 Datasheet HTML 6Page - NXP Semiconductors 74F242 Datasheet HTML 7Page - NXP Semiconductors 74F242 Datasheet HTML 8Page - NXP Semiconductors 74F242 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F242/74F243
Transceivers
1990 Aug 30
5
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VCC = MIN,
VIL = MAX
IO = 3mA
±10%VCC
2.4
V
V
High level output voltage
VIL = MAX,
VIH = MIN
IOH = –3mA
±5%VCC
2.7
3.3
V
VOH
High-level output voltage
VCC = MIN,
VIL = MAX
I
= 15mA
±10%VCC
2.0
3.2
V
VIL = MAX,
VIH = MIN
IOL = –15mA
±5%VCC
2.0
3.1
V
V
Low level output voltage
VCC = MIN,
VIL = MAX
I
=MAX
±10%VCC
0.55
V
VOL
Low-level output voltage
VIL = MAX,
VIH = MIN
IOH=MAX
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at
A0–A3, B0–B3
VCC = MAX, VI = 5.5V
1
mA
II
maximum input voltage
OEA, OEB
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
OEA, OEB
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
only
VCC = MAX, VI = 0.5V
–1
mA
IIH+IOZH
Off-state output current
High-level voltage applied
VCC = MAX, VO = 2.7V
70
µA
I +I
Off-state output current
Low-level voltage
74F242
V
= MAX V =0 5V
–1.0
mA
IIL+IOZL
Low-level voltage
applied
74F243
VCC = MAX, VO = 0.5V
–1.6
mA
IOS
Short-circuit output current3
VCC = MAX
–100
–225
mA
ICCH
22
35
mA
74F242
ICCL
VCC = MAX
40
55
mA
ICC
Supply current (total)
ICCZ
32
45
mA
ICC
Supply current (total)
ICCH
64
80
mA
74F243
ICCL
VCC = MAX
64
90
mA
ICCZ
71
90
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Similar Part No. - 74F242

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F240 NSC-74F240 Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
logo
NXP Semiconductors
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240 Datasheet
66Kb / 7P
   Octal Buffers/Line Drivers with 3-STATE Outputs
74F240 FAIRCHILD-74F240 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
74F240 FAIRCHILD-74F240 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
More results

Similar Description - 74F242

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC242 PHILIPS-74HC242 Datasheet
49Kb / 7P
   Quad bus transceiver; 3-state; inverting
December 1990
logo
National Semiconductor ...
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
   Inverting Quad TRI-STATE Transceiver
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
STMicroelectronics
M54HC620 STMICROELECTRONICS-M54HC620 Datasheet
258Kb / 11P
   OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
NXP Semiconductors
74F2952 PHILIPS-74F2952 Datasheet
142Kb / 14P
   Registered transceiver, non-inverting 3-State
1989 Sep 22
logo
Integral Corp.
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com