Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143ZE Datasheet(PDF) 7 Page - Weitron Technology

Part # DTC143ZE
Description  Bias Resistor Transistor NPN Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTC143ZE Datasheet(HTML) 7 Page - Weitron Technology

Back Button DTC143ZE Datasheet HTML 3Page - Weitron Technology DTC143ZE Datasheet HTML 4Page - Weitron Technology DTC143ZE Datasheet HTML 5Page - Weitron Technology DTC143ZE Datasheet HTML 6Page - Weitron Technology DTC143ZE Datasheet HTML 7Page - Weitron Technology DTC143ZE Datasheet HTML 8Page - Weitron Technology DTC143ZE Datasheet HTML 9Page - Weitron Technology DTC143ZE Datasheet HTML 10Page - Weitron Technology DTC143ZE Datasheet HTML 11Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
12-Jun-06
WEITRON
http://www.weitron.com.tw
DTC114EE Series
WEITRON
TYPICAL ELECTRICAL CHARACTERISTICS − DTC123EE
75°C
25°C
−25°C
Figure 8. VCE(sat) versus IC
Figure 9. DC Current Gain
Figure 10. Output Capacitance
Figure 11. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 12. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
4.5
1.5
45
50
40
30
20
10
0
0
0.5
1
2
4
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
0.01
35
25
15
5
0.01
0.1
30
3.5
3
2.5
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V


Similar Part No. - DTC143ZE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143ZE ROHM-DTC143ZE Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
logo
ON Semiconductor
DTC143ZE ONSEMI-DTC143ZE Datasheet
110Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
January, 2015 ??Rev. 5
logo
Rohm
DTC143ZE ROHM-DTC143ZE Datasheet
86Kb / 4P
   Digital transistors (built-in resistors)
logo
ON Semiconductor
DTC143ZE ONSEMI-DTC143ZE Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Micro Commercial Compon...
DTC143ZE MCC-DTC143ZE Datasheet
228Kb / 3P
   NPN Digital Transistors
More results

Similar Description - DTC143ZE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com