Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143ZE Datasheet(PDF) 4 Page - Weitron Technology

Part # DTA143ZE
Description  Bias Resistor Transistor PNP Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTA143ZE Datasheet(HTML) 4 Page - Weitron Technology

  DTA143ZE Datasheet HTML 1Page - Weitron Technology DTA143ZE Datasheet HTML 2Page - Weitron Technology DTA143ZE Datasheet HTML 3Page - Weitron Technology DTA143ZE Datasheet HTML 4Page - Weitron Technology DTA143ZE Datasheet HTML 5Page - Weitron Technology DTA143ZE Datasheet HTML 6Page - Weitron Technology DTA143ZE Datasheet HTML 7Page - Weitron Technology DTA143ZE Datasheet HTML 8Page - Weitron Technology DTA143ZE Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
WEITRON
http://www.weitron.com.tw
(TA=25 C Unless Otherwise noted)
DTA114EE Series
4/13
12-Jun-06
On Characteristics(4)
DTA114EE
DTA124EE
DTA144EE
DTA114YE
DTA114TE
DTA143TE
DTA123EE
DTA143EE
DTA143ZE
DTA124XE
DTA123JE
DTA115EE
DTA144WE
DTA114EE / DTA124EE
DTA144EE / DTA115EE
DTA114YE
DTA114TE / DTA143TE
DTA123EE / DTA143EE
DTA143ZE
DTA124XE
DTA123JE
DTA144WE
Input Resistor
DTA114TE
DTA143TE
DTA123EE
DTA143EE
Output Voltage(off)
VCC=5.0V, VB=0.5V RL=1.0KΩ
VCC=5.0V, VB=0.25V RL=1.0KΩ
Resistor Ratio
-
R1
7.0
15.4
32.9
7.0
7.0
3.3
1.5
3.3
3.3
15.4
15.4
70
32.9
10
22
47
10
10
4.7
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
2.9
6.1
6.1
28.6
2.86
130
61.1
V
VOH
4.9
-
-
R1/R2
0.8
0.17
-
0.8
0.055
0.38
0.038
1.7
1.0
0.21
-
1.0
0.1
0.47
0.047
2.1
1.2
0.25
-
1.2
0.185
0.56
0.056
2.6
WEITRON
Typ
Max
Unit
Min
Symbol
Characteristics
4. PulseTest: Pulse Width < 300us, Duty Cycle < 2.0%
ElectricalCharacteristics


Similar Part No. - DTA143ZE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZE ROHM-DTA143ZE Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA143ZE TSC-DTA143ZE Datasheet
212Kb / 3P
   PNP Small Signal Transistor
logo
Jiangsu Changjiang Elec...
DTA143ZE JIANGSU-DTA143ZE Datasheet
123Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA143ZE TSC-DTA143ZE Datasheet
807Kb / 5P
   PNP Small Signal Transistor
logo
Rohm
DTA143ZE ROHM-DTA143ZE Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
More results

Similar Description - DTA143ZE

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com