Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3L553 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3L553
Description  2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L553 Datasheet(HTML) 2 Page - ON Semiconductor

  NB3L553 Datasheet HTML 1Page - ON Semiconductor NB3L553 Datasheet HTML 2Page - ON Semiconductor NB3L553 Datasheet HTML 3Page - ON Semiconductor NB3L553 Datasheet HTML 4Page - ON Semiconductor NB3L553 Datasheet HTML 5Page - ON Semiconductor NB3L553 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NB3L553
http://onsemi.com
2
OE
1
0
Function
Enable
Disable
Table 1. OE, Output Enable Function
PIN DESCRIPTION
Pin #
Name
Type
Description
1
VDD
Power
Positive supply voltage (2.375 V to 5.25 V)
2
Q0
(LV)CMOS/(LV)TTL Output
Clock Output 0
3
Q1
(LV)CMOS/(LV)TTL Output
Clock Output 1
4
GND
Power
Negative supply voltage; Connect to ground, 0 V
5
ICLK
(LV)CMOS/(LV)TTL Input
Clock Input. 5.0 V tolerant
6
Q2
(LV)CMOS/(LV)TTL Output
Clock Output 2
7
Q3
(LV)CMOS/(LV)TTL Output
Clock Output 3
8
OE
(LV)CMOS/(LV)TTL Input
Output Enable for the clock outputs. Outputs are enabled when HIGH: connect to
VDD for normal operation; OE pin has internal pull−up resistor. Three−states out-
puts when LOW.
MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VDD
Positive Power Supply
GND = 0 V
6.0
V
VI
Input Voltage
GND –0.5
≤ VI ≤ VDD + 0.5
V
TA
Operating Temperature Range, Industrial
≥ −40 to ≤ +85
_C
Tstg
Storage Temperature Range
−65 to +150
_C
qJA
Thermal Resistance (Junction−to−Ambient)
0 LFPM
500 LFPM
SOIC−8
190
130
_C/W
_C/W
qJC
Thermal Resistance (Junction−to−Case)
(Note 1)
SOIC−8
41 to 44
_C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. JEDEC standard multilayer board − 2S2P (2 signal, 2 power)
ATTRIBUTES
Characteristic
Value
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 150 V
> TBD kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 2)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL−94 code V−0 @ 0.125 in
Transistor Count
531 Devices
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
2. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.


Similar Part No. - NB3L553

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
95Kb / 8P
   1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
NB3L553DG ONSEMI-NB3L553DG Datasheet
95Kb / 8P
   1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
NB3L553DR2G ONSEMI-NB3L553DR2G Datasheet
95Kb / 8P
   1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
NB3L553MNR4G ONSEMI-NB3L553MNR4G Datasheet
95Kb / 8P
   1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
NB3L553 ONSEMI-NB3L553_17 Datasheet
95Kb / 8P
   1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
More results

Similar Description - NB3L553

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
logo
ON Semiconductor
NB3N551 ONSEMI-NB3N551 Datasheet
116Kb / 5P
   3.3 V / 5.0 V Ultra-Low Skew 1:4 Clock Fanout Buffer
October, 2006 ??Rev. 2
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
   3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Texas Instruments
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com