Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F2373 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F2373
Description  Octal transparent latch with 30ohm equivalent output termination 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F2373 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F2373 Datasheet HTML 1Page - NXP Semiconductors 74F2373 Datasheet HTML 2Page - NXP Semiconductors 74F2373 Datasheet HTML 3Page - NXP Semiconductors 74F2373 Datasheet HTML 4Page - NXP Semiconductors 74F2373 Datasheet HTML 5Page - NXP Semiconductors 74F2373 Datasheet HTML 6Page - NXP Semiconductors 74F2373 Datasheet HTML 7Page - NXP Semiconductors 74F2373 Datasheet HTML 8Page - NXP Semiconductors 74F2373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F2373
Octal transparent latch with 30
Ω equivalent output
termination (3-State)
2
1999 Feb 01
853-2140 20747
FEATURES
8-bit transparent latch
30 Ohm output termination for driving DRAM
3-State outputs glitch free during power-up and power-down
Common 3-State output register
Independent register and 3-State buffer operation
DESCRIPTION
The 74F2373 is an octal transparent latch coupled to eight 3-State
output devices. The two sections of the device are controlled
independently by enable (E) and output enable (OE) control gates.
The 30 Ohm series termination on the outputs reduces
over/undershoot, making them ideal for driving DRAM
The data on the D inputs is transferred to the latch outputs when the
enable (E) input is high. The latch remains transparent to the data
input while E is high, and stores the data that is present one setup
time before the high-to-low enable transition.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors.
The active low output enable (OE) controls all eight 3-State buffers
independent of the latch operation. When OE is low, latched or
transparent data appears at the output.
When OE is high, the outputs are in high impedance “off ” state,
which means they will neither drive nor load the bus.
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F2373
4.5ns
35mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
DRAWING NUMBER
VCC = 5V ±10%, Tamb = 0°C to +70°C
20-pin plastic DIP
N74F2373N
SOT146-1
20-pin plastic SOL
N74F2373D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 - D7
Data inputs
1.0/1.0
20
µA/0.6mA
E
Enable input (active high)
1.0/1.0
20
µA/0.6mA
OE
Output enable inputs (active low)
1.0/1.0
20
µA/0.6mA
Q0 - Q7
3-State outputs
150/40
3.0mA/3.0mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OE
Q0
D0
D1
Q1
Q2
D2
D3
Q3
GND
VCC
Q7
D7
D6
Q6
Q5
D5
D4
Q4
E
SF00250
LOGIC SYMBOL
E
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
D0 D1 D2 D3 D4 D5 D6 D7
3
4
7
8
13
14
17
18
2
5
6
9
12
15
16
19
VCC = Pin 20
GND = Pin 10
11
1
OE
SF00251


Similar Part No. - 74F2373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F20 NSC-74F20 Datasheet
140Kb / 6P
   Dual 4-Input NAND Gate
logo
NXP Semiconductors
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Fairchild Semiconductor
74F20 FAIRCHILD-74F20 Datasheet
48Kb / 4P
   Dual 4-Input NAND Gate
logo
National Semiconductor ...
74F20PC NSC-74F20PC Datasheet
140Kb / 6P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74F20PC FAIRCHILD-74F20PC Datasheet
48Kb / 4P
   Dual 4-Input NAND Gate
More results

Similar Description - 74F2373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
   Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
74F2244 PHILIPS-74F2244 Datasheet
95Kb / 10P
   Octal buffer with 30ohm equivalent output termination 3-State
1994 Dec 5
74F2240 PHILIPS-74F2240 Datasheet
96Kb / 10P
   Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
logo
Renesas Technology Corp
HD74AC373 RENESAS-HD74AC373 Datasheet
136Kb / 10P
   Octal Transparent Latch with 3-State Output
logo
Hitachi Semiconductor
HD74AC373 HITACHI-HD74AC373 Datasheet
63Kb / 11P
   Octal Transparent Latch with 3-State Output
logo
Fairchild Semiconductor
DM74ALS563A FAIRCHILD-DM74ALS563A Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
logo
Texas Instruments
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal transparent Latch, 3-state
logo
NXP Semiconductors
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com