Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC858BW Datasheet(PDF) 1 Page - Weitron Technology

Part # BC858BW
Description  General Purpose Transistor PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC858BW Datasheet(HTML) 1 Page - Weitron Technology

  BC858BW Datasheet HTML 1Page - Weitron Technology BC858BW Datasheet HTML 2Page - Weitron Technology BC858BW Datasheet HTML 3Page - Weitron Technology BC858BW Datasheet HTML 4Page - Weitron Technology BC858BW Datasheet HTML 5Page - Weitron Technology BC858BW Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2
3
V
V
V
1
2
3
General Purpose Transistor
PNP Silicon
Lead(Pb)-Free
P b
BC856AW/BW
BC857AW/BW
BC858AW/BW/CW
SOT-323(SC-70)
EMITTER
BASE
COLLECTOR
Device Marking
BC856AW=3A; BC856BW=3B; BC857AW=3E;BC857BW=3F; BC858AW=3J; BC858BW;=3K; BC858CW=3L
1. FR-5 = 1.0 x 0.75 x 0.062 in.
MaximumRatings (TA=25°Cunless otherwise noted)
Collector-Emitter Voltage
BC856
BC857
BC858
Collector-Base Voltage
BC856
BC857
BC858
Collector Current-Continuous
IC
100
mA
Emitter-Base Voltage
BC856
BC857
BC858
Rating
Symbol
Value
Unit
VEBO
VCBO
VCEO
-65
-45
-30
-5.0
-5.0
-5.0
-80
-50
-30
Junction Temperature Range
Storage Temperature Range
Tstg
-55 to +150
-55 to +150
TJ
°C/W
°C
°C
Total Device Dissipation FR-5 Board(1)
TA=25°C
Thermal Resistance, Junctionto Ambient(1)
RθJA
PD
833
150
mW
http://www.weitron.com.tw
WEITRON
1/6
14-Jun-06


Similar Part No. - BC858BW

ManufacturerPart #DatasheetDescription
logo
Rohm
BC858BW ROHM-BC858BW Datasheet
167Kb / 4P
   PNP General Purpose Transistor
logo
Micro Commercial Compon...
BC858BW MCC-BC858BW Datasheet
586Kb / 3P
   PNP General Purpose Transistors
logo
Siemens Semiconductor G...
BC858BW SIEMENS-BC858BW Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC858BW DIOTEC-BC858BW Datasheet
125Kb / 2P
   SMD General Purpose PNP Transistors
logo
Diodes Incorporated
BC858BW DIODES-BC858BW Datasheet
47Kb / 2P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
More results

Similar Description - BC858BW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com