Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC858B Datasheet(PDF) 4 Page - Weitron Technology

Part # BC858B
Description  General Purpose Transistor PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC858B Datasheet(HTML) 4 Page - Weitron Technology

  BC858B Datasheet HTML 1Page - Weitron Technology BC858B Datasheet HTML 2Page - Weitron Technology BC858B Datasheet HTML 3Page - Weitron Technology BC858B Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEITRON
http://www.weitron.com.tw
WE IT R ON
BC856A/B-BC857A/B/C
BC858A/B/C-BC859B/C
-0.1 -0.2
-1.0
-2.0
-5.0 -10 -20
-50 -100 -200
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.5
0.2
VCE= -5.0V
TA= 25 C
-0.2
-0.5
-1.0
-2.0
-5.0
-10
-20
-50
-100 -200
IC, COLLECTOR CURRENT(mA)
Figure 8. "ON" Voltage
-1.0
-0.8
-0.6
-0.4
-0.2
0
TJ=25 C
VBE(sat)@IC/IB=10
VCE(sat)@IC/IB=10
VBE@VCE=-5.0V
-0.1 -0.2
-0.5
-1.0
-2.0
-5.0
-10
-50 -100
-20
20
10
40
8.0
6.0
4.0
2.0
VR, REVERSE VOLTAGE (VOLTS)
TJ=25 C
Cib
Cob
Figure 11. Capacitance
-1.0
-10
-100
Figure 12.Current-Gain-Bandwidth Product
IC, COLLECTOR CURRENT (mA)
500
200
100
50
20
VCE=-5.0V
-0.02
-0.05 -0.1
-0.2
-0.5
-1.0
-2.0
-5.0
-10
-20
-0.4
0
-2.0
-1.6
-1.2
-0.8
IB, BASE CURRENT (mA)
Figure 9. Collector Saturation Region
IC=
-10mA
-20mA
-50mA
-100mA
-200mA
TJ=25 C
-0.2
-0.5
-1.0
-2.0
-5.0
-10
-20
-50
-100
-200
-1.0
-1.4
-1.8
-2.2
-2.6
-3.3
Figure 10. Base-Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
qVB for VBE
-55 C to 125 C
BC856 Series
4/4
Rev A 12-Apr-05


Similar Part No. - BC858B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC858B STMICROELECTRONICS-BC858B Datasheet
44Kb / 5P
   SMALL SIGNAL PNP TRANSISTORS
logo
Yea Shin Technology Co....
BC858B YEASHIN-BC858B Datasheet
922Kb / 7P
   General Purpose Transistors
logo
Guangdong Youtai Semico...
BC858B UMW-BC858B Datasheet
452Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Taiwan Semiconductor Co...
BC858B TSC-BC858B Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Rohm
BC858B ROHM-BC858B Datasheet
148Kb / 5P
   PNP General Purpose Transistor
More results

Similar Description - BC858B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com