Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM25LV010-25SC Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM25LV010-25SC
Description  512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM25LV010-25SC Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM25LV010-25SC Datasheet HTML 3Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 4Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 5Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 6Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 7Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 8Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 9Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 10Page - PMC-Sierra, Inc PM25LV010-25SC Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Programmable Microelectronics Corp.
Issue Date: December, 2003, Rev: 1.3
PMC
Pm25LV512/010
e
m
a
N
n
o
i
t
c
u
r
t
s
n
It
a
m
r
o
F
n
o
i
t
c
u
r
t
s
n
Ie
d
o
C
x
e
Hn
o
i
t
a
r
e
p
O
N
E
R
W0
1
1
0
0
0
0
0h
6
0h
c
t
a
L
e
l
b
a
n
E
e
t
i
r
W
t
e
S
I
D
R
W0
0
1
0
0
0
0
0h
4
0h
c
t
a
L
e
l
b
a
n
E
e
t
i
r
W
t
e
s
e
R
R
S
D
R1
0
1
0
0
0
0
0h
5
0r
e
t
s
i
g
e
r
s
u
t
a
t
S
d
a
e
R
R
S
R
W1
0
0
0
0
0
0
0h
1
0r
e
t
s
i
g
e
R
s
u
t
a
t
S
e
t
i
r
W
D
A
E
R1
1
0
0
0
0
0
0h
3
0y
r
a
r
r
A
y
r
o
m
e
M
m
o
r
f
a
t
a
D
d
a
e
R
D
A
E
R
_
T
S
A
F1
1
0
1
0
0
0
0h
B
0d
e
e
p
S
r
e
h
g
i
H
t
a
y
r
o
m
e
M
m
o
r
f
a
t
a
D
d
a
e
R
G
O
R
P
_
G
P0
1
0
0
0
0
0
0h
2
0y
a
r
r
A
y
r
o
m
e
M
o
t
n
I
a
t
a
D
m
a
r
g
o
r
P
E
S
A
R
E
_
R
O
T
C
E
S1
1
1
0
1
0
1
1h
7
Dy
a
r
r
A
y
r
o
m
e
M
n
i
r
o
t
c
e
S
e
n
O
e
s
a
r
E
E
S
A
R
E
_
K
C
O
L
B0
0
0
1
1
0
1
1h
8
Dy
a
r
r
A
y
r
o
m
e
M
n
i
k
c
o
l
B
e
n
O
e
s
a
r
E
E
S
A
R
E
_
P
I
H
C1
1
1
0
0
0
1
1h
7
Cy
a
r
r
A
y
r
o
m
e
M
e
r
i
t
n
E
e
s
a
r
E
D
I
D
R1
1
0
1
0
1
0
1h
B
AD
I
t
c
u
d
o
r
P
d
n
a
r
e
r
u
t
c
a
f
u
n
a
M
d
a
e
R
Table 1. Instruction Set for the Pm25LV512/010
DEVICE OPERATION
The Pm25LV512/010 is designed to interface directly with the synchronous serial peripheral interface (SPI) of the
6800 type series of microcontrollers.
The Pm25LV512/010 utilizes an 8-bit instruction register. The list of instructions and their operation codes are
contained in Table 1. All instructions, addresses, and data are transferred with the MSB first and start with a high-
to-low transition.
Write is defined as program and/or erase in this specification. The following commands, PAGE PROGRAM,
SECTOR ERASE, BLOCK ERASE, CHIP ERASE, and WRSR are write instructions for Pm25LV512/010.
n
o
i
t
a
c
i
f
i
t
n
e
d
I
t
c
u
d
o
r
Pa
t
a
D
D
I
r
e
r
u
t
c
a
f
u
n
a
Mh
D
9
:
D
I
e
c
i
v
e
D
2
1
5
V
L
5
2
m
Ph
B
7
0
1
0
V
L
5
2
m
Ph
C
7
Table 2. Product Identification
READ PRODUCT ID (RDID): The RDID instruction allows the user to read the manufacturer and product ID of the
device. The instruction code is followed by three dummy bytes, each bit being latched-in on Serial Data Input (SI)
during the rising edge of Serial Clock (SCK). Then the first manufacturer ID (9Dh) is shifted out on Serial Data
Output (SO), followed by the device ID (7Bh = Pm25LV512; 7Ch = Pm25LV010) and the second manufacturer ID
(7Fh), each bit been shifted out during the falling edge of Serial Clock (SCK).


Similar Part No. - PM25LV010-25SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV010A ETC1-PM25LV010A Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
More results

Similar Description - PM25LV010-25SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV020 ETC1-PM25LV020 Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
   512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
   512-Kbit, serial flash memory, 50 MHz SPI bus interface
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
   1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
SPANSION
S25FL002D SPANSION-S25FL002D Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25PXX STMICROELECTRONICS-M25PXX Datasheet
128Kb / 7P
   512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com