Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848C Datasheet(PDF) 3 Page - Weitron Technology

Part # BC848C
Description  General Purpose Transistor NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC848C Datasheet(HTML) 3 Page - Weitron Technology

  BC848C Datasheet HTML 1Page - Weitron Technology BC848C Datasheet HTML 2Page - Weitron Technology BC848C Datasheet HTML 3Page - Weitron Technology BC848C Datasheet HTML 4Page - Weitron Technology BC848C Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WEITRON
WE IT R ON
BC846A/B-BC847A/B/C
BC848A/B/C-BC849B/C
BC850B/C
http://www.weitron.com.tw
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
0.4
0.6 0.8 1.0
2.0
4.0
6.0 8.0 10
20
40
10
7.0
5.0
3.0
2.0
1.0
Cib
TA=25 C
Cob
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20
30
50
IC, COLLECTOR CURRENT (mAdc)
Figure 6. Current-Gain- Bandwidth Product
400
300
200
100
80
60
40
20
30
VCE=10V
TA= 25 C
Figure1.Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
0.2
0.5 1.0
2.0
5.0
10
20
50
100 200
2.0
1.5
1.0
0.8
0.6
0.4
0.3
0.2
VCE=10V
TA=25 C
Firure2. "Saturation" And "On" Voltage
IC, COLLECTOR CURRENT (mAdc)
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0 5.0 7.0 10
20 30 50 70 100
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TA=25 C
VBE(sat)@IC/BC=10
VBE(ON)@VCE= 10V
VCE(sat)@IC/BC=10
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
TA=25 C
IC= 200mA
IC=-50mA
IC= 20mA
IC=
10mA
IC= 100mA
0.02
0.1
1.0
10
20
2.0
1.6
1.2
0.8
0.4
0
-55 C to +125 C
1.0
1.2
1.6
2.0
2.4
2.8
0.2
1.0
10
100
IC, COLLECTOR CURRENT (mA)
Figure 4. Base-Emitter Temperature Coefficient
BC847/BC848/BC849/BC850 Series


Similar Part No. - BC848C

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
BC848C YFWDIODE-BC848C Datasheet
704Kb / 4P
   NPN Transistors
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
BC848C BILIN-BC848C Datasheet
202Kb / 4P
   NPN general purpose Transistor
logo
Taiwan Semiconductor Co...
BC848C TSC-BC848C Datasheet
218Kb / 5P
   NPN Small Signal Transistor
logo
Jinan Jing Heng Electro...
BC848C JINGHENG-BC848C Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - BC848C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com