Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM25LV010 Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM25LV010
Description  512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM25LV010 Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM25LV010 Datasheet HTML 1Page - PMC-Sierra, Inc PM25LV010 Datasheet HTML 2Page - PMC-Sierra, Inc PM25LV010 Datasheet HTML 3Page - PMC-Sierra, Inc PM25LV010 Datasheet HTML 4Page - PMC-Sierra, Inc PM25LV010 Datasheet HTML 5Page - PMC-Sierra, Inc PM25LV010 Datasheet HTML 6Page - PMC-Sierra, Inc PM25LV010 Datasheet HTML 7Page - PMC-Sierra, Inc PM25LV010 Datasheet HTML 8Page - PMC-Sierra, Inc PM25LV010 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Programmable Microelectronics Corp.
Issue Date: December, 2003, Rev: 1.3
PMC
Pm25LV512/010
PRODUCT ORDERING INFORMATION
Pm25LVxxx
-25
S
C
E
Temperature Range
C = Commercial (0°C to +70°C)
Package Type
S = 8-pin SOIC (8S)
Q = 8-contact WSON (8Q)
Operating Speed
25 MHz
PMC Device Number
Pm25LV512 (512 Kbit)
Pm25LV010 (1 Mbit)
r
e
b
m
u
N
t
r
a
Py
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O)
z
H
M
(e
g
a
k
c
a
Pe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
E
C
S
5
2
-
2
1
5
V
L
5
2
m
P
5
2
S
8
l
a
i
c
r
e
m
m
o
C
)
C
°
0
7
+
o
t
C
°
0
(
C
S
5
2
-
2
1
5
V
L
5
2
m
P
E
C
Q
5
2
-
2
1
5
V
L
5
2
m
P
Q
8
C
Q
5
2
-
2
1
5
V
L
5
2
m
P
E
C
S
5
2
-
0
1
0
V
L
5
2
m
P
5
2
S
8
C
S
5
2
-
0
1
0
V
L
5
2
m
P
E
C
Q
5
2
-
0
1
0
V
L
5
2
m
P
Q
8
C
Q
5
2
-
0
1
0
V
L
5
2
m
P
Environmental Attribute
E = Lead-free (Pb-free) Package
Blank = Standard Package


Similar Part No. - PM25LV010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV010A ETC1-PM25LV010A Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
More results

Similar Description - PM25LV010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV020 ETC1-PM25LV020 Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
   512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
   512-Kbit, serial flash memory, 50 MHz SPI bus interface
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
   1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
SPANSION
S25FL002D SPANSION-S25FL002D Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25PXX STMICROELECTRONICS-M25PXX Datasheet
128Kb / 7P
   512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com