Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KPA280CA Datasheet(PDF) 1 Page - Weitron Technology

Part # 15KPA280CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

15KPA280CA Datasheet(HTML) 1 Page - Weitron Technology

  15KPA280CA Datasheet HTML 1Page - Weitron Technology 15KPA280CA Datasheet HTML 2Page - Weitron Technology 15KPA280CA Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15KPA Series
Mechanical Data
Feature:
Peak Pulse Power
15000 Watt
Stand-off Voltage
17 To 280 VOLTS
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSOR
* Glass passivated junction
* 15000W peak pulse power capability on 10/1000us waveform
* Excellent clamping capability
* Repetition rate(duty cycle) : 0.05%
* Low incremental surge resistance
* Fast response time: typically less than 1.0ps from 0 Volts to BV,
Bidirectonal less than 10 ns
* High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length,51bs.(2.3kg) tension
* Case: Molded plastic over glass passivated junction
* Terminal: Plated Axial leads, solderable per MIL-STD-750, Method 2026
* Polarity: Color band denotes positive end (cathode) except Bipolar
* Mounting Position: Any
* Weight: 0.07 ounce, 2.5 grams
R-6
R-6 Outline Dimensions
25.4
-
8.6
9.1
1.2
1.3
8.6
9.1
http://www.weitron.com.tw
WEITRON
1/3
24-Jan-06
Lead(Pb)-Free
P b
* For Bidirectional use C or CA Suffix for types 15KPA17 thru types 15KPA280 (e.g. 15KPA17C , 15KPA280CA)
Electrical characteristics apply in both directions
Devices For Bipolar Application:


Similar Part No. - 15KPA280CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
15KPA280CA MDE-15KPA280CA Datasheet
29Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
15KPA280CA SOCAY-15KPA280CA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
logo
Littelfuse
15KPA280CA LITTELFUSE-15KPA280CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
15KPA280CA LUGUANG-15KPA280CA Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
logo
MERITEK ELECTRONICS COR...
15KPA280CA MERITEK-15KPA280CA Datasheet
281Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - 15KPA280CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com