Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-725V Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTV-725V
Description  Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-725V Datasheet(HTML) 8 Page - Lite-On Technology Corporation

  LTV-725V Datasheet HTML 1Page - Lite-On Technology Corporation LTV-725V Datasheet HTML 2Page - Lite-On Technology Corporation LTV-725V Datasheet HTML 3Page - Lite-On Technology Corporation LTV-725V Datasheet HTML 4Page - Lite-On Technology Corporation LTV-725V Datasheet HTML 5Page - Lite-On Technology Corporation LTV-725V Datasheet HTML 6Page - Lite-On Technology Corporation LTV-725V Datasheet HTML 7Page - Lite-On Technology Corporation LTV-725V Datasheet HTML 8Page - Lite-On Technology Corporation LTV-725V Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
 
  
 
Fig.7 Collector-emitter Saturation Voltage
Fig.8 Collector Dark Current vs.
Temperature
Fig.9 Response Time vs. Load
vs. Ambient Temperature
F
Ic= 100mA
I = 20mA
2
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
20
100
1.00
1.20
100
80
60
40
20
1
0.1
1000
O
O
Resistance
10
1000
80
60
40
V
= 200V
CE
1.04
1.08
1.12
1.16
1.14
1.10
1.06
1.02
1.18
100
0.02
100
10
5
50
500
VCE=2V
IC= 20mA
Load resistance RL (k )
Input
Output
Input
Output
Vcc
td
tr
tf
ts
90%
10%
Output
Vcc
Test Circuit for Response Time
Test Circuit for Frequency Response
tr
td
tf
ts
0
Frequency f (kHz)
100
Fig.10 Frequency Response
-20
-15
-10
-5
10
1
0.1
VCE=2V
IC= 20mA
RL=1k
100
10
RL
RD
RL
RD
< "# .2(- %4%4'$
< 6 7



Similar Part No. - LTV-725V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-725V TENAND-LTV-725V Datasheet
277Kb / 9P
   Property of LITE-ON Only
More results

Similar Description - LTV-725V

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
   TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
   Transistor transistor logic
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
   Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Jiangsu Changjiang Elec...
S9012M JIANGSU-S9012M Datasheet
194Kb / 3P
   TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com