Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6732TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6732TR
Description  Adjustable step-down controller with synchronous rectification
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732TR Datasheet(HTML) 1 Page - STMicroelectronics

  L6732TR Datasheet HTML 1Page - STMicroelectronics L6732TR Datasheet HTML 2Page - STMicroelectronics L6732TR Datasheet HTML 3Page - STMicroelectronics L6732TR Datasheet HTML 4Page - STMicroelectronics L6732TR Datasheet HTML 5Page - STMicroelectronics L6732TR Datasheet HTML 6Page - STMicroelectronics L6732TR Datasheet HTML 7Page - STMicroelectronics L6732TR Datasheet HTML 8Page - STMicroelectronics L6732TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
June 2006
Rev 4
1/33
33
L6732
Adjustable step-down controller with synchronous rectification
Features
Input voltage range from 1.8V to 14V
Supply voltage range from 4.5V to 14V
Adjustable output voltage down to 0.6V with
±0.8% accuracy over line voltage and
temperature (0°C~125°C)
Fixed frequency voltage mode control
TON lower than 100ns
0% to 100% duty cycle
External input voltage reference
Soft-start and inhibit
High current embedded drivers
Predictive anti-cross conduction control
Programmable high-side and low-side RDS(on)
sense over-current-protection
Selectable switching frequency 250KHz/
500KHz
Pre-bias start up capability
Power good output
Master/slave synchronization with 180° phase
shift
Over voltage protection
Thermal shut-down
Package: HTSSOP16
Applications
LCD & PDP TV
High performance / high density DC-DC
modules
Low voltage distributed DC-DC
niPOL converters
DDR memory supply
Graphic cards
HTSSOP16 (Exposed Pad)
www.st.com
Order Codes
Part number
Package
Packing
L6732
HTSSOP16
Tube
L6732TR
HTSSOP16
Tape & Reel


Similar Part No. - L6732TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6732TR STMICROELECTRONICS-L6732TR Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
L6732TR STMICROELECTRONICS-L6732TR Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
More results

Similar Description - L6732TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
   Adjustable step-down controller with synchronous rectification
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
   Adjustable step-down controller with synchronous rectification dedicated to DDR memory
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
   Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com