Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5020ALC-2 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # CF5020ALC-2
Description  High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5020ALC-2 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button CF5020ALC-2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5020ALC-2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5020ALC-2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5020ALC-2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5020ALC-2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5020ALC-2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5020ALC-2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5020ALC-2 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5020ALC-2 Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CF5020 series
NIPPON PRECISION CIRCUITS INC.—7
Switching Characteristics
CF5020ALA, CF5020ALB
2.5V operation
VDD = 2.25 to 2.75V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
3V operation
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 1,
0.1VDD to 0.9VDD
CL = 15pF
1
3
ns
tr2
CL = 30pF
2
5.5
ns
Output fall time
tf1
Measurement cct 3, load cct 1,
0.9VDD to 0.1VDD
CL = 15pF
1
3
ns
tf2
CL = 30pF
2
5.5
ns
Output duty cycle*1
*1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty1
Measurement cct 3, load cct 1,
VDD = 2.5V, Ta = 25°C
CL = 15pF, f = 106MHz
45
55
%
CL = 15pF, f = 125MHz
40
60
%
Duty2
CL = 30pF, f = 70MHz
45
55
%
Output disable delay time*2
*2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 2.5V, Ta = 25°C,
CL = 15pF
100
ns
Output enable delay time*2
tPZL
100
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 1,
0.1VDD to 0.9VDD
CL = 15pF
1
2.5
ns
tr2
VDD = 3.0 to 3.6V
CL = 30pF
1.5
3
ns
Output fall time
tf1
Measurement cct 3, load cct 1,
0.9VDD to 0.1VDD
CL = 15pF
1
2.5
ns
tf2
VDD = 3.0 to 3.6V
CL = 30pF
1.5
3
ns
Output duty cycle*1
*1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty2
Measurement cct 3, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 30pF, f = 125MHz
45–55
%
Output disable delay time*2
*2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 15pF
100
ns
Output enable delay time*2
tPZL
100
ns


Similar Part No. - CF5020ALC-2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5021AA-1 NPC-CF5021AA-1 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
CF5021AA-2 NPC-CF5021AA-2 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5021AB-1 NPC-CF5021AB-1 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
CF5021AB-2 NPC-CF5021AB-2 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5021AC-1 NPC-CF5021AC-1 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5020ALC-2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5019 NPC-CF5019 Datasheet
96Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
   High-frequency Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
   1.8V, High-frequency Crystal Oscillator Module ICs
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com