Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5020ALB-2 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5020ALB-2
Description  High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5020ALB-2 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5020ALB-2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5020ALB-2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5020ALB-2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5020ALB-2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5020ALB-2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5020ALB-2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5020ALB-2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5020ALB-2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5020ALB-2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CF5020 series
NIPPON PRECISION CIRCUITS INC.—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
CF5020ALA, CF5020ALB
3V Operation
VSS = 0V
2.5V Operation
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to +7.0
V
Input voltage range
VIN
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
−0.5 to VDD + 0.5
V
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
TSTG
−65 to +150
°C
Output current
IOUT
25
mA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating supply voltage range
VDD
f
≤ 125MHz
CL ≤ 15pF
2.7
3.6
V
CL ≤ 30pF
3.0
3.6
V
2.7*1
*1. The output duty cycle variability increases than other conditions.
3.6*1
V
Input voltage range
VIN
VSS
–VDD
V
Operating temperature range
TOPR
−40
+85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating supply voltage range
VDD
f
≤ 106MHz
CL ≤ 15pF
2.25
2.75
V
f
≤ 70MHz
CL ≤ 30pF
2.25
2.75
V
f
≤ 125MHz
CL ≤ 15pF
2.25*1
*1. The output duty cycle variability increases than other conditions.
2.75*1
V
Input voltage range
VIN
VSS
–VDD
V
Operating temperature range
TOPR
−40
+85
°C


Similar Part No. - CF5020ALB-2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5021AA-1 NPC-CF5021AA-1 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
CF5021AA-2 NPC-CF5021AA-2 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5021AB-1 NPC-CF5021AB-1 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
CF5021AB-2 NPC-CF5021AB-2 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5021AC-1 NPC-CF5021AC-1 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5020ALB-2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5019 NPC-CF5019 Datasheet
96Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
   High-frequency Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
   1.8V, High-frequency Crystal Oscillator Module ICs
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com