Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS70W-06 Datasheet(PDF) 1 Page - Weitron Technology

Part # BAS70W-06
Description  Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS70W-06 Datasheet(HTML) 1 Page - Weitron Technology

  BAS70W-06 Datasheet HTML 1Page - Weitron Technology BAS70W-06 Datasheet HTML 2Page - Weitron Technology BAS70W-06 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*Extremely Fast Switching Speed
*Low Forward Voltage
*Very Small Conduction Losses
*Schottky Barrier Diodes Encapsulated in a SOT-323 Package
These schottky barrier diodes are designed for high speed
switching applications circuit protection, and voltage clamping,
Extremely low forward voltage reduces conduction loss,
Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
BAS70W/BAS70W-04
BAS70W-05/BAS70W-06
SMALL SIGNAL
SCHOTTKY DIODES
70m AMPERES
70 VOLTS
Unit:mm
http://www.weitron.com.tw
WEITRON
Surface Mount Schottky Barrier Diodes
Features:
Description:
SOT-323 Outline Dimensions
SOT-323(SC-70)
1
2
3
A
B
D
E
G
M
L
H
J
T OP VIE W
K
C
Dim
A
B
C
D
E
G
H
J
K
L
M
Min
0.30
1.15
2.00
-
0.30
1.20
1.80
0.00
0.80
0.42
0.10
Max
0.40
1.35
2.40
0.65
0.40
1.40
2.20
0.10
1.00
0.53
0.25
SOT-323


Similar Part No. - BAS70W-06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70W-06 DIODES-BAS70W-06 Datasheet
53Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
BAS70W-06 DIODES-BAS70W-06 Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. 11 - 2
logo
TRANSYS Electronics Lim...
BAS70W-06 TEL-BAS70W-06 Datasheet
65Kb / 1P
   SCHOTTKY DIODE
logo
Galaxy Semi-Conductor H...
BAS70W-06 BILIN-BAS70W-06 Datasheet
141Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
Shenzhen Jin Yu Semicon...
BAS70W-06 HTSEMI-BAS70W-06 Datasheet
236Kb / 2P
   SCHOKKTY DIODE
More results

Similar Description - BAS70W-06

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com