Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16TDW Datasheet(PDF) 2 Page - Weitron Technology

Part # BAS16TDW
Description  Surface Mount Switching Multi-Chip Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS16TDW Datasheet(HTML) 2 Page - Weitron Technology

  BAS16TDW Datasheet HTML 1Page - Weitron Technology BAS16TDW Datasheet HTML 2Page - Weitron Technology BAS16TDW Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
http://www.weitron.com.tw
2/3
09-Feb-06
Characteristic
Symbol
Value
Unit
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Average Rectified Output Current (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current@ t = 1.0µs
@ t = 1.0s
IFSM
2.0
1.0
A
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistant Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating Temperature Range
Storage Temperature Range
Tj
TSTG
+150
-55 to +150
°C
°C
@ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage (Note 2)
IR = 100µA
75
-
V
Forward Voltage (Note 2)
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
-
-
-
-
0.715
0.855
1.0
1.25
V
-
1.0
50
30
25
µA
µA
µA
nA
Total Capacitance
VR = 0V, f = 1.0MHz
-
2.0
pF
-
4.0
ns
Maximum Ratings@ T
A= 25°C unless otherwise specified
Electrical Characteristics
Non-Repetitive Peak Reverse Voltage
Notes:1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch
VRM
Notes:2. Short duration test pulse used to minimize self-heating effect.
Reverse Current (Note 2)
VR = 75V
VR = 75V, Tj = 150°C
VR = 25V, Tj = 150°C
VR = 20V
Reverse Recovery Time
IF= IR=10mA, Irr=0.1 x IR, RL=100Ω
V(BR)R
VF
IR
CT
Trr
BAS16TDW
MMBD4148TDW


Similar Part No. - BAS16TDW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS16TDW WEITRON-BAS16TDW_09 Datasheet
304Kb / 3P
   Surface Mount Switching Multi-Chip
More results

Similar Description - BAS16TDW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBD4448HAQW WEITRON-MMBD4448HAQW Datasheet
2Mb / 4P
   Surface Mount Switching Multi-Chip Diode Array
BAV70DW WEITRON-BAV70DW Datasheet
277Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
WIMN10 WEITRON-WIMN10 Datasheet
309Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW Datasheet
566Kb / 2P
   Multi-Chip Switching Diode Array
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com