Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B380A Datasheet(PDF) 3 Page - Weitron Technology

Part # B380A
Description  Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B380A Datasheet(HTML) 3 Page - Weitron Technology

  B380A Datasheet HTML 1Page - Weitron Technology B380A Datasheet HTML 2Page - Weitron Technology B380A Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.1
1.0
10
20
60
80
100
120
40
140
20
1.0
0
30
1
5
10
50
100
2
20
0
20
40
60
80
100
120
10.0
0.1
100
1000
100
10
1.0
4.0
0.2
0.4
0.8
1.0
0.01
1.2
20
40
140
0
0.01
0.1
1.0
100
10
60
80
100
0.001
WE IT R ON
B370A thru B3100A
WEITRON
http://www.weitron.com.tw
FIG.1 Forward Current Derating Curve
FIG.3 Typical Forward Characteristics
FIG.2 Maximum Non-Repetitive Surge CURRENT
FIG.4 Typical Junction Capacitance
FIG.5 Typical Reverse Characteristics
LEAD TEMPERATURE , C
INSTANTANEOUS FORWARD VOLTAGE(VOLTS)
REVERSE VOLTAGE(VOLTS)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
Single Phase Half Wave 60Hz
Pulse Width 8.3ms
Pulse Width:300us
Single Half-Sine-Wave
(JEDEC METHOD)
Resistive or Inductive Load
T =25 C
j
T =25 C
j
T =100 C
j
T =125 C
j
T =25 C F=1MHz
j
0.6
120


Similar Part No. - B380A

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
B380A CTC-B380A Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
B380A CTC-B380A Datasheet
75Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
B380A CHENDA-B380A Datasheet
851Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
B380A YFWDIODE-B380A Datasheet
454Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
B380AG SKTECHNOLGY-B380AG Datasheet
1Mb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - B380A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com