Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1386 Datasheet(PDF) 4 Page - Weitron Technology

Part # 2SB1386
Description  Epitaxial Planar Transistor PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SB1386 Datasheet(HTML) 4 Page - Weitron Technology

  2SB1386 Datasheet HTML 1Page - Weitron Technology 2SB1386 Datasheet HTML 2Page - Weitron Technology 2SB1386 Datasheet HTML 3Page - Weitron Technology 2SB1386 Datasheet HTML 4Page - Weitron Technology 2SB1386 Datasheet HTML 5Page - Weitron Technology 2SB1386 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SB1386
WEITRON
http://www.weitron.com.tw
FIG.7 Collector-Emitter Saturation
Voltage vs. Collector Current
B
C
COLLECTOR CURRENT : IC (A)
-1 -2
-5 -10
-0.01-0.02
-0.1 -0.2 -0.5
-0.05
-2m -5m
-0.01
-2
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-5
FIG.8 Collector-Emitter Saturation
Voltage vs. Collector Current
25 C
COLLECTOR CURRENT : IC (A)
-1 -2
-5 -10
-0.01-0.02
-0.1 -0.2 -0.5
-0.05
-2m -5m
-0.01
-2
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-5
FIG.9 Collector-Emitter Saturation
Voltage vs. Collector Current
COLLECTOR CURRENT : IC(A)
-1 -2
-5 -10
-0.01-0.02
-0.1-0.2 -0.5
-0.05
-2m -5m
-0.01
-2
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-5
COLLECTOR CURRENT : IC (A)
-1 -2
-5 -10
-0.01-0.02
-0.1-0.2 -0.5
-0.05
-2m -5m
-0.01
-2
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-5
FIG.10 Collector-Emitter Saturation
Voltage vs. Collector Current
FIG.11 Gain Bandwidth Product
vs. Emitter Current
EMITTER CURRENT : IE(mA)
1
2
5
10
50 100 200
500
20
20
50
100
200
500
1000
10
5
2
1
1000
FIG.12 Collector Output Capacitance
vs. Collector-Base Voltage
COLLECTOR TO BASE VOLTAGE : VCB(V)
-0.1 -0.2
-0.5
-1
-2
-5
-10
-20
-50
1000
500
200
100
50
10
20
T =100 C
I /I =10
C
B
I /I =50
C
B
I /I =30
a
25 C
25 C
T =100 C
a
25 C
C
B
I /I =40
25 C
25 C
T =100 C
a
T =100 C
a
25 C
25 C
I =0A
f=1MHz
CE
V
=6V
E
T =25 C
a
T =25 C
a


Similar Part No. - 2SB1386

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1386 ROHM-2SB1386 Datasheet
107Kb / 5P
   Low Frequency Transistor(-20V,-5A)
logo
Foshan Blue Rocket Elec...
2SB1386 FOSHAN-2SB1386 Datasheet
862Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Unisonic Technologies
2SB1386 UTC-2SB1386 Datasheet
200Kb / 5P
   LOW FREQUENCY PNP TRANSISTOR
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Rohm
2SB1386 ROHM-2SB1386 Datasheet
139Kb / 5P
   Low frequency transistor (−20V, −5A)
More results

Similar Description - 2SB1386

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com