Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-14FC22AS16 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # JQX-14FC22AS16
Description  ELECTRONIC COMPONENTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-14FC22AS16 Datasheet(HTML) 3 Page - DB Lectro Inc

  JQX-14FC22AS16 Datasheet HTML 1Page - DB Lectro Inc JQX-14FC22AS16 Datasheet HTML 2Page - DB Lectro Inc JQX-14FC22AS16 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions (Unit: mm)
Reference Data
12.8
2-1x0.4
2-0.4x1
2-0.16x1
29
2-0.5x1
2
1C
7,5
1A
7,5
2C
2A
1C
1A
Pole-distance L: 3.5mm or 5mm
7,5
7,5
7,5
7,5
Mounting (Bottom views)
(10A)
(16A)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Wiring diagram
(Bottom views)
mm
>àçÇá
0.16
0.006
0.3
0.012
0.4
0.016
0.5
0.020
1
0.039
1.3
0.051
2.0
0.079
3.5
0.138
4.0
0.157
5.0
0.197
7.5
0.295
12.8
0.504
20
0.787
26
1.024
29
1.142
Dimensions
JQX-14FC1 & JQX-14FC2 JQX-14FC3
JQX-14FC
1
JQX-14FC
2 JQX-14FC3
JQX-14FC
3 :5mm
www.dblectro.com


Similar Part No. - JQX-14FC22AS16

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JQX-14FC2A HUAXINAN-JQX-14FC2A Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse.
logo
DB Lectro Inc
JQX-14FC2AS10AAC120.83.5 DBLECTRO-JQX-14FC2AS10AAC120.83.5 Datasheet
403Kb / 4P
   NHG RELAYS
JQX-14FC2AS10AAC120.85 DBLECTRO-JQX-14FC2AS10AAC120.85 Datasheet
403Kb / 4P
   NHG RELAYS
JQX-14FC2AS10AAC121.23.5 DBLECTRO-JQX-14FC2AS10AAC121.23.5 Datasheet
403Kb / 4P
   NHG RELAYS
JQX-14FC2AS10AAC121.25 DBLECTRO-JQX-14FC2AS10AAC121.25 Datasheet
403Kb / 4P
   NHG RELAYS
More results

Similar Description - JQX-14FC22AS16

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201759 PHOENIX-2201759 Datasheet
43Kb / 2P
   Components of electronic housing
logo
List of Unclassifed Man...
JRC-19F ETC1-JRC-19F Datasheet
170Kb / 2P
   COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS
logo
Omron Electronics LLC
AOTBA-01 OMRON-AOTBA-01 Datasheet
3Mb / 4P
   OMRON ELECTRONIC COMPONENTS LLC
G3CN202P1DC328 OMRON-G3CN202P1DC328 Datasheet
1Mb / 21P
   Electronic Components Master Selection Guide
logo
Sharp Corporation
GP2Y1014AU0F SHARP-GP2Y1014AU0F Datasheet
463Kb / 11P
   System Devices Unit Electronic components
PD3122F SHARP-PD3122F Datasheet
526Kb / 11P
   OPTO-ELECTRONIC DEVICES DIVISION ELECTRONIC COMPONENTS GROUP SHARP CIRPORATION
logo
PHOENIX CONTACT
2906911 PHOENIX-2906911 Datasheet
54Kb / 2P
   Components of electronic housing - ME LPZS
logo
Sharp Corporation
GM5BW97330A SHARP-GM5BW97330A Datasheet
1,014Kb / 22P
   LED DIVISION ELECTRONIC COMPONENTS AND DEVICES GROUP
GW5BNF15L10 SHARP-GW5BNF15L10 Datasheet
298Kb / 13P
   ELECTRONIC COMPONENTS AND DEVICES GROUP SHARP CORPORATION
logo
PHOENIX CONTACT
2901107 PHOENIX-2901107 Datasheet
52Kb / 2P
   Components of electronic housing - ME MAX 22,5 PLATEKMGY
11/05/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com