Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4403 Datasheet(PDF) 3 Page - Weitron Technology

Part # 2N4403
Description  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2N4403 Datasheet(HTML) 3 Page - Weitron Technology

  2N4403 Datasheet HTML 1Page - Weitron Technology 2N4403 Datasheet HTML 2Page - Weitron Technology 2N4403 Datasheet HTML 3Page - Weitron Technology 2N4403 Datasheet HTML 4Page - Weitron Technology 2N4403 Datasheet HTML 5Page - Weitron Technology 2N4403 Datasheet HTML 6Page - Weitron Technology 2N4403 Datasheet HTML 7Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N4403
WEITRON
http://www.weitron.com.tw
FIG 1. Turn-On Time
FIG 2. Turn-Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUIT
S cope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+2 V
- 16 V
10 to 100
µs,
DUTY CYCLE = 2%
0
1.0 k
- 30 V
200
CS* < 10 pF
1.0 k
- 30 V
200
CS* < 10 pF
+ 4.0 V
< 2 ns
1.0 to 100
µs,
DUTY CYCLE = 2%
< 20 ns
+14 V
0
-16 V
FIG 3. Capacitances
REVERSE VOLTAGE (VOLTS)
7.0
10
20
30
5.0
FIG 4. Charge Data
IC , COLLECTOR CURRENT (mA)
0.1
2.0
5.0
10
20
2.0
30
2.0
3.0
5.0
7.0
10
1.0
10
20
50
70 100
200
0.1
300
500
0.7
0.5
VCC = 30 V
IC/IB = 10
Ceb
QT
QA
3.0
1.0
0.5
0.3
0.2
0.3
0.2
30
Ccb
0.7
7.0
FIG5. Turn-On Time
IC, COLLECTOR CURRENT (mA)
20
30
50
5.0
10
7.0
FIG 6. Rise Time
IC, COLLECTOR CURRENT (mA)
70
100
10
20
50
70 100
200
300
500
30
IC/IB = 10
tr @ VCC = 30 V
tr @ VCC = 10 V
td@ VBE(off) = 2 V
td@ VBE(off) = 0
20
30
50
5.0
10
7.0
70
100
10
20
50
70 100
200
300
500
30
VCC = 30 V
IC/IB = 10


Similar Part No. - 2N4403

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2N4403 SEMTECH_ELEC-2N4403 Datasheet
333Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
297Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
90Kb / 4P
   PNP Medium Power Transistor (Switching)
logo
Micro Commercial Compon...
2N4403 MCC-2N4403 Datasheet
239Kb / 4P
   PNP General Purpose Amplifier
logo
Foshan Blue Rocket Elec...
2N4403 FOSHAN-2N4403 Datasheet
960Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
More results

Similar Description - 2N4403

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com