Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC82A Datasheet(PDF) 1 Page - Weitron Technology

Part # 1.5SMC82A
Description  1500W Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1.5SMC82A Datasheet(HTML) 1 Page - Weitron Technology

  1.5SMC82A Datasheet HTML 1Page - Weitron Technology 1.5SMC82A Datasheet HTML 2Page - Weitron Technology 1.5SMC82A Datasheet HTML 3Page - Weitron Technology 1.5SMC82A Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
* For surface mounted applications in order to optimize board space
* Low profile package
* Built-in strain relief
* Glass passivated junction
* Low inductance
* Excellent clamping capability
* Repetition Rate(duty cycle):0.05%
* Fast response time: typically less than 1.0ps from 0 Volts to BV min
* Typical IR less than 1μA above 10V
* High temperature soldering: 250°C/10 seconds at terminals
* MECHANICAL DATA
* Case: JEDEC DO214AB. Molded plastic over glass passivated junction
* Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
* Polarity: Color band denotes positive end (cathode) except Bidirectional
* Standard Packaging: 16mm tape(EIA STD RS-481)
* Weight: 0.007ounce, 0.21gram
VOLTAGE
6.8 to 550 Volts
Peak Pulse Power
1500 Watt
1.5 SMC Series
1500W Surface Mount
Transient Voltage Suppressor
Features:
Mechanical Data:
DEVICES FOR BIPOLAR APPLICATION:
For Bidirectional use Suffix CA for types 1.5SMC6.8CA thru types 1.5SMC550CA
Electrical characteristics apply in both directions
SMC(DO-214AB)
Lead(Pb)-Free
P b
1/4
16-Feb-06
http://www.weitron.com.tw
WEITRON
Symbol
PPPM
1500(Min)
W
IPPM
SEE TABLE 1
A
TJ
+150
-55 to +150
Notes :
1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25°C per Fig.2.
2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal.
3. 8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
200
Peak Pulse Power Dissipation on 10/1000µs waveform (Note 1,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
Rating
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note 3)
A
°C
°C
Operating junction Temperature Range
MAXIMUM RATINGS AND CHARACTERISTICS(TA=25°C Unless otherwise specified)
IFSM
Units
Value
Storage Temperature Range
TSTG


Similar Part No. - 1.5SMC82A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC82A CENTRAL-1.5SMC82A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Bourns Electronic Solut...
1.5SMC82A BOURNS-1.5SMC82A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
MDE Semiconductor, Inc.
1.5SMC82A MDE-1.5SMC82A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1.5SMC82A LEIDITECH-1.5SMC82A Datasheet
1Mb / 4P
   Transient Voltage Suppressors Diode
logo
Vishay Siliconix
1.5SMC82A VISHAY-1.5SMC82A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC82A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com