Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F181N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # N74F181N
Description  Arithmetic logic unit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F181N Datasheet(HTML) 8 Page - NXP Semiconductors

  N74F181N Datasheet HTML 1Page - NXP Semiconductors N74F181N Datasheet HTML 2Page - NXP Semiconductors N74F181N Datasheet HTML 3Page - NXP Semiconductors N74F181N Datasheet HTML 4Page - NXP Semiconductors N74F181N Datasheet HTML 5Page - NXP Semiconductors N74F181N Datasheet HTML 6Page - NXP Semiconductors N74F181N Datasheet HTML 7Page - NXP Semiconductors N74F181N Datasheet HTML 8Page - NXP Semiconductors N74F181N Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors FAST Products
Product specification
74F181
Arithmetic logic unit
March 3, 1989
8
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
Tamb = +25°C
CL = 50pF
RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF
RL = 500Ω
UNIT
Mode
Waveform
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Si to Fi (Inverting)
1
3.5
3.5
5.5
5.0
8.0
8.0
3.0
3.0
9.0
9.0
ns
tPLH
tPHL
Propagation delay
Si to Fi (Non-Inverting)
2
3.0
3.0
5.5
5.5
8.5
8.5
3.0
3.0
9.5
9.5
ns
tPLH
tPHL
Propagation delay
Si to A=B (Inverting)
1
10.5
6.0
16.5
8.0
22.5
11.0
10.5
6.0
24.0
11.5
ns
tPLH
tPHL
Propagation delay
Si to A=B (Non-Inverting)
2
10.0
5.5
15.0
8.5
19.0
12.5
10.0
5.0
21.0
13.5
ns
tPLH
tPHL
Propagation delay
Si to Cn+4 (Inverting)
1
3.5
3.0
7.0
5.5
11.0
10.0
3.0
2.5
12.5
10.0
ns
tPLH
tPHL
Propagation delay
Si to G (Non-Inverting)
2
2.5
2.5
5.0
4.0
7.5
7.5
2.5
2.5
8.0
8.0
ns
tPLH
tPHL
Propagation delay
Si to P (Non-Inverting)
2
2.5
2.5
4.0
4.5
6.5
7.0
2.5
2.5
7.0
8.0
ns
tPLH
tPHL
Propagation delay
M to Fi (Inverting)
Sum
1
3.5
3.5
6.0
6.0
8.5
8.5
3.5
3.5
9.5
9.5
ns
tPLH
tPHL
Propagation delay
M to Fi (Non-Inverting)
Sum
2
4.5
4.0
7.0
6.0
10.0
9.5
4.5
4.0
11.0
10.0
ns
tPLH
tPHL
Propagation delay
M to Fi (Inverting)
Diff
1
3.5
3.5
6.0
6.0
8.5
8.5
3.5
3.5
9.5
9.5
ns
tPLH
tPHL
Propagation delay
M to Fi (Non-Inverting)
Diff
2
4.0
4.0
7.0
6.0
10.0
9.5
4.0
4.0
11.5
10.0
ns
tPLH
tPHL
Propagation delay
M to A=B (Inverting)
Sum
1
12.0
6.5
16.0
8.0
20.0
11.0
11.0
6.0
22.0
11.0
ns
tPLH
tPHL
Propagation delay
M to A=B (Non-Inverting)
Sum
2
13.0
6.5
17.0
8.0
21.0
10.5
12.0
6.0
24.0
11.5
ns
tPLH
tPHL
Propagation delay
M to A=B (Inverting)
Diff
1
11.5
6.0
16.0
8.0
20.0
10.5
10.5
6.0
22.0
11.0
ns
tPLH
tPHL
Propagation delay
M to A=B (Non-Inverting)
Diff
2
13.0
6.0
17.0
8.0
21.5
11.0
12.5
6.0
24.0
11.5
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
VOUT
VIN
tPLH
tPHL
SF00092
Waveform 1.
Propagation Delay for Non-Inverting Paths
VM
VM
VM
VM
VOUT
VIN
tPHL
tPLH
SF00093
Waveform 2.
Propagation Delay for Inverting Paths


Similar Part No. - N74F181N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F1804D PHILIPS-N74F1804D Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
N74F1804N PHILIPS-N74F1804N Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
N74F1805D PHILIPS-N74F1805D Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
N74F1805N PHILIPS-N74F1805N Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
N74F1808D PHILIPS-N74F1808D Datasheet
74Kb / 8P
   Hex 2-input AND drivers
1991 Jan 02
More results

Similar Description - N74F181N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
74F381 PHILIPS-74F381 Datasheet
82Kb / 7P
   Arithmetic Logic Unit
1989 Mar 01
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com