Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN750-E Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN750-E
Description  HIGH SIDE DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750-E Datasheet(HTML) 3 Page - STMicroelectronics

  VN750-E Datasheet HTML 1Page - STMicroelectronics VN750-E Datasheet HTML 2Page - STMicroelectronics VN750-E Datasheet HTML 3Page - STMicroelectronics VN750-E Datasheet HTML 4Page - STMicroelectronics VN750-E Datasheet HTML 5Page - STMicroelectronics VN750-E Datasheet HTML 6Page - STMicroelectronics VN750-E Datasheet HTML 7Page - STMicroelectronics VN750-E Datasheet HTML 8Page - STMicroelectronics VN750-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/31
VN750-E / VN750S-E / VN750PT-E / VN750B5-E
Figure 3. Configuration Diagram (Top View) & Suggested Connections for Unused and N.C. Pins
Figure 4. Current and Voltage Conventions
Table 4. Thermal Data
(1) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick) connected to all VCC pins. Horizontal
mounting and no artificial air flow.
(2) When mounted on a standard single-sided FR-4 board with 2cm2 of Cu (at least 35
µm thick) connected to all VCC pins. Horizontal mount-
ing and no artificial air flow.
(3) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick). Horizontal mounting and no artificial air
flow.
(4) When mounted on a standard single-sided FR-4 board with 6cm2 of Cu (at least 35
µm thick). Horizontal mounting and no artificial air flow.
Symbol
Parameter
Value
Unit
S0-8
PENTAWATT
P2PAK
PPAK
Rthj-case
Thermal Resistance Junction-case
Max
-
2.1
2.1
2.1
°C/W
Rthj-lead
Thermal Resistance Junction-lead
Max
30
-
-
-
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
93 (1)
62.1
52.1 (3)
77.1 (3)°C/W
82 (2)
62.1
37 (4)
44 (4)°C/W
Connection / Pin Status
N.C.
Output
Input
Floating
X
X
X
X
To Ground
X
Through 10K
Ω resistor
SO-8
OUTPUT
STATUS
VCC
INPUT
GND
VCC
VCC
OUTPUT
OUTPUT
N.C.
GND
STATUS
INPUT
1
4
5
8
5
4
3
2
1
PPAK / P2PAK
PENTAWATT
INPUT
IS
IIN
VIN
VCC
STATUS
ISTAT
VSTAT
GND
VCC
IOUT
VOUT
IGND
OUTPUT
VF


Similar Part No. - VN750-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN750-B5 STMICROELECTRONICS-VN750-B5 Datasheet
118Kb / 15P
   HIGH SIDE DRIVER
VN750-B5 STMICROELECTRONICS-VN750-B5 Datasheet
511Kb / 29P
   HIGH SIDE DRIVER
August 2002
VN750-B5 STMICROELECTRONICS-VN750-B5 Datasheet
423Kb / 31P
   HIGH SIDE DRIVER
VN750-B513TR STMICROELECTRONICS-VN750-B513TR Datasheet
511Kb / 29P
   HIGH SIDE DRIVER
August 2002
More results

Similar Description - VN750-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
   HIGH SIDE DRIVER
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
   High-side driver
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
   High-side driver
September 2013 Rev 3
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
   HIGH SIDE DRIVER
October 2004
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
   HIGH SIDE DRIVER
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
   High side driver
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
   HIGH SIDE DRIVER
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
   HIGH SIDE DRIVER
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
   HIGH SIDE DRIVER
VN920DSP-E STMICROELECTRONICS-VN920DSP-E Datasheet
184Kb / 19P
   HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com