Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V6310 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # V6310
Description  Ultra Low Power 3-Pin Voltage Window Surveillance with Time-out
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V6310 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  V6310 Datasheet HTML 1Page - List of Unclassifed Manufacturers V6310 Datasheet HTML 2Page - List of Unclassifed Manufacturers V6310 Datasheet HTML 3Page - List of Unclassifed Manufacturers V6310 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Handling Procedures
Stresses above these listed maximum ratings may cause
permanent damage to the device. Exposure beyond specified
operating conditions may affect device reliability or cause
malfunction.
2
Absolute Maximum Ratings
Table 1
Parameter
Voltage at V
to V
DD
SS
Min. voltage at RES or RES
Max. voltage at RES or RES
Storage temperature range
V
DD
V
min
V
max
T
STO
-0.3V to+10 V
V
- 0.3 V
SS
-65 to +150
O
OC
V
+ 0.3 V
DD
Symbol
Conditions
This device has built-in protection against high static voltages
or electric fields; however, anti-static precautions must be taken
as for any other CMOS component. Unless otherwise specified,
proper operation can only occur when all terminal voltages are
kept within the supply voltage range.
1)
The maximum operating temperature is confirmed by
sampling at initial device qualification.
Operating Conditions
T
A
-40
1
+125
OC
V
8
V
DD
Table 2
Parameter
Symbol Min. Typ . Max. Units
1)
Operating temperature
Positive supply voltage
Electrical Characteristics
O
T = -40 to +85 C, unless otherwise specified
A
1) RES or RES open
2) Only for Open drain versions
I
DD
V
HYS
V
OL
V
OL
V
OL
V
OH
V
OH
I
LEAK
V
= 2 V
DD
V
= 5 V, I
= 8 mA
DD
OL
V
= 5.5 V
DD
1)
Supply current
Threshold Low Voltage
Threshold hysteresis
RES Output Low Level
RES Output High Level
2)
Output leakage current
mA
mA
mA
V
V
V
V
V
V
V
mV
mV
mV
mV
V
V
mV
mA
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
I
DD
V
= 5 V
DD
V
= 8 V
DD
Version: A,G,M
Version: B,H,N
Version: C,I,O
Version: D,J,P
Version: E,K,Q
Version: F,L,R
I
DD
V
THlow
V
THlow
Max.
at 25
OC
Min.
at 25
OC
V
OH
V
= 3 V, I
= 4 mA
DD
OL
V
= 1 V, I
= 50
mA
DD
OL
V
= 5 V, I = -8 mA
DD
OH
V
= 3 V, I
= -4 mA
DD
OH
V
= 1 V, I
= -100
mA
DD
OH
1.77
2.09
2.48
3.11
3.55
4.05
5.58
4.3
2.3
850
1.84
2.18
2.59
3.23
3.70
4.22
5.79
1.5
3.0
5.2
1.95
2.32
2.73
3.42
3.88
4.42
6.10
25
175
140
20
4.5
2.6
950
0.05
2.1
3.9
6.8
2.04
2.41
2.86
3.59
4.08
4.67
6.42
3.1
5.7
10.0
2.17
2.55
3.03
3.80
4.32
4.95
6.82
400
300
90
1
Table 3
Threshold High Voltage
V
THlow
V
THlow
V
THlow
V
THlow
V
THhigh
Timing Characteristics
O
V
= 5.0 V, T = -40 to +85 C, unless otherwise specified
DD
A
t
POR
t
SEN high
for V
= 5 V to 7 V in 5
ms
DD
25
18
20
20
22
Power on reset time
Sensitivity around V
THhigh
ms
ms
ms
Table 4
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Reaction time around V
THhigh
t
SEN low
3) Tested on versions with V
higher than 3 V
THlow
for V
= 5 V to 3 V in 5
ms
DD
50
0.8 t
Rhigh
0.8 t
Rlow
55
75
75
90
150
3)
Sensitivity around V
THlow
3)
Reaction time around V
THlow
T
Rlow
T
Rhigh
for V
= 5 V to 7 V in 5
ms
DD
for V
= 5 V to 3 V in 5
ms
DD
ms
ms
V6310
R


Similar Part No. - V6310

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6319 EMMICRO-V6319 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
V6319LSP3B EMMICRO-V6319LSP3B Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
V6319LSP3B++ EMMICRO-V6319LSP3B+ Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
V6319MSP3B EMMICRO-V6319MSP3B Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
V6319MSP3B++ EMMICRO-V6319MSP3B+ Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
More results

Similar Description - V6310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6301 ETC-V6301 Datasheet
275Kb / 4P
   Ultra Low Power 3-Pin Voltage Surveillance with Time-out
H6052 ETC-H6052 Datasheet
132Kb / 4P
   3-Pin Voltage Surveillance with Time-out
V6170 ETC1-V6170 Datasheet
165Kb / 12P
   Accurate Voltage Window Surveillance and Software Monitoring
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
logo
Monolithic Power System...
MP8104 MPS-MP8104 Datasheet
470Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp With Industry Standard Pin-Out
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com