Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSH60 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH60
Description  Wide-Band, Low-Power Operational Amplifiers with Standby
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH60 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH60 Datasheet HTML 5Page - STMicroelectronics TSH60 Datasheet HTML 6Page - STMicroelectronics TSH60 Datasheet HTML 7Page - STMicroelectronics TSH60 Datasheet HTML 8Page - STMicroelectronics TSH60 Datasheet HTML 9Page - STMicroelectronics TSH60 Datasheet HTML 10Page - STMicroelectronics TSH60 Datasheet HTML 11Page - STMicroelectronics TSH60 Datasheet HTML 12Page - STMicroelectronics TSH60 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TSH60,61,62,63,64
Package Mechanical Data
11/13
6.2
SO-14 package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45˚ (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S˚ (max.)
SO-14 MECHANICAL DATA
PO13G
8


Similar Part No. - TSH60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690 Datasheet
134Kb / 10P
   40MHz to 1GHz AMPLIFIER
TSH690 STMICROELECTRONICS-TSH690 Datasheet
1Mb / 14P
   40MHz to 1GHz AMPLIFIER
TSH690ID STMICROELECTRONICS-TSH690ID Datasheet
134Kb / 10P
   40MHz to 1GHz AMPLIFIER
TSH690ID STMICROELECTRONICS-TSH690ID Datasheet
1Mb / 14P
   40MHz to 1GHz AMPLIFIER
TSH690 STMICROELECTRONICS-TSH690_01 Datasheet
1Mb / 14P
   40MHz to 1GHz AMPLIFIER
More results

Similar Description - TSH60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH70 STMICROELECTRONICS-TSH70 Datasheet
1Mb / 25P
   WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
TSH110 STMICROELECTRONICS-TSH110 Datasheet
424Kb / 19P
   WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
TSH110 STMICROELECTRONICS-TSH110_07 Datasheet
177Kb / 15P
   Wide band low noise operational amplifiers
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
   Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
TSH80 STMICROELECTRONICS-TSH80 Datasheet
430Kb / 23P
   Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TSH80 STMICROELECTRONICS-TSH80_09 Datasheet
1Mb / 27P
   Wide band rail-to-rail operational amplifier with standby function
logo
Rochester Electronics
CA3078 ROCHESTER-CA3078 Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
logo
ON Semiconductor
MC33171 ONSEMI-MC33171_15 Datasheet
175Kb / 15P
   Low Power Operational Amplifiers
May, 2015 ??Rev. 13
logo
Unisonic Technologies
MC33178 UTC-MC33178 Datasheet
148Kb / 6P
   LOW POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com