Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61VPS102418A-200B2I Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61VPS102418A-200B2I
Description  256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61VPS102418A-200B2I Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61VPS102418A-200B2I Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61VPS102418A-200B2I Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61VPS102418A-200B2I Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61VPS102418A-200B2I Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61VPS102418A-200B2I Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61VPS102418A-200B2I Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61VPS102418A-200B2I Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61VPS102418A-200B2I Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61VPS102418A-200B2I Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
Rev. D
02/11/05
IS61VPS25672A,IS61LPS25672A
IS61VPS51236A, IS61LPS51236A, IS61VPS102418A, IS61LPS102418A
ISSI®
TRUTH TABLE(1-8) (3CE option)
OPERATION
ADDRESS
CE
CE
CE
CE
CE
CE2
CE2
CE2
CE2
CE2
CE2
ZZ
ADSP
ADSP
ADSP
ADSP
ADSP ADSC
ADSC
ADSC
ADSC
ADSC
ADV
ADV
ADV
ADV
ADV WRITE
WRITE
WRITE
WRITE
WRITE
OE
OE
OE
OE
OE
CLK
DQ
Deselect Cycle, Power-Down
None
H
X
X
L
X
L
X
X
X
L-H
High-Z
Deselect Cycle, Power-Down
None
L
X
L
L
L
XXXX
L-H
High-Z
Deselect Cycle, Power-Down
None
L
H
X
L
L
XXXX
L-H
High-Z
Deselect Cycle, Power-Down
None
L
X
L
L
H
L
X
X
X
L-H
High-Z
Deselect Cycle, Power-Down
None
L
H
X
L
H
L
X
X
X
L-H
High-Z
Snooze Mode, Power-Down
None
X
X
X
H
XXXXXX
High-Z
Read Cycle, Begin Burst
External
L
L
H
L
L
X
X
X
L
L-H
Q
Read Cycle, Begin Burst
External
L
L
H
L
L
X
X
X
H
L-H
High-Z
Write Cycle, Begin Burst
External
L
L
H
L
H
L
X
L
X
L-H
D
Read Cycle, Begin Burst
External
L
L
H
L
H
L
X
H
L
L-H
Q
Read Cycle, Begin Burst
External
L
L
H
L
H
L
X
H
H
L-H
High-Z
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
L
L-H
Q
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
H
L-H
High-Z
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
L
L-H
Q
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
H
L-H
High-Z
Write Cycle, Continue Burst
Next
X
X
X
L
H
H
L
L
X
L-H
D
Write Cycle, Continue Burst
Next
H
X
X
L
X
H
L
L
X
L-H
D
Read Cycle, Suspend Burst
Current
X
X
X
L
HHHH
L
L-H
Q
Read Cycle, Suspend Burst
Current
X
X
X
L
HHHHH
L-H
High-Z
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
L
L-H
Q
Read Cycle, Suspend Burst
Current
H
X
X
L
X
HHHH
L-H
High-Z
Write Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
L
X
L-H
D
Write Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
L
X
L-H
D
NOTE:
1. X means “Don’t Care.” H means logic HIGH. L means logic LOW.
2. For
WRITE, L means one or more byte write enable signals (BWa-h) and BWE are LOW or GW is LOW. WRITE = H for all
BWx, BWE, GW HIGH.
3.
BWa enables WRITEs to DQa’s and DQPa. BWb enables WRITEs to DQb’s and DQPb. BWc enables WRITEs to DQc’s and
DQPc.
BWd enables WRITEs to DQd’s and DQPd. BWe enables WRITEs to DQe’s and DQPe. BWf enables WRITEs to DQf’s
and DQPf.
BWg enables WRITEs to DQg’s and DQPg. BWh enables WRITEs to DQh’s and DQPh. DQPa-DQPh are avail-
able on the x72 version. DQPa and DQPb are available on the x18 version. DQPa-DQPd are available on the x36 version.
4. All inputs except
OE and ZZ must meet setup and hold times around the rising edge (LOW to HIGH) of CLK.
5. Wait states are inserted by suspending burst.
6. For a WRITE operation following a READ operation,
OE must be HIGH before the input data setup time and held HIGH during the
input data hold time.
7. This device contains circuitry that will ensure the outputs will be in High-Z during power-up.
8.
ADSP LOW always initiates an internal READ at the L-H edge of CLK. A WRITE is performed by setting one or more byte write
enable signals and
BWE LOW or GW LOW for the subsequent L-H edge of CLK. See WRITE timing diagram for clarification.


Similar Part No. - IS61VPS102418A-200B2I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS102418A-200B2I ISSI-IS61VPS102418A-200B2I Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61VPS102418A-200B2I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61SPD25632T ISSI-IS61SPD25632T Datasheet
154Kb / 22P
   256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com